Electronic Components Datasheet Search
  English  ▼

X  

SH7124 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # SH7124
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  774 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7124 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button SH7124 Datasheet HTML 30Page - Renesas Technology Corp SH7124 Datasheet HTML 31Page - Renesas Technology Corp SH7124 Datasheet HTML 32Page - Renesas Technology Corp SH7124 Datasheet HTML 33Page - Renesas Technology Corp SH7124 Datasheet HTML 34Page - Renesas Technology Corp SH7124 Datasheet HTML 35Page - Renesas Technology Corp SH7124 Datasheet HTML 36Page - Renesas Technology Corp SH7124 Datasheet HTML 37Page - Renesas Technology Corp SH7124 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 774 page
background image
Section 1 Overview
Rev. 4.00 Jul. 25, 2008 Page 14 of 750
REJ09B0243-0400
Classification
Symbol
I/O
Name
Function
A/D converter
AVss
I
Analog ground
Ground pin for the A/D converter
Connect it to the system ground (0
V).
Connect all AVss pins to the system
ground (0 V) correctly. The A/D
converter does not work if any pin is
open.
PA15 to PA0
(SH7125)
I/O
General port
16-bit input/output port pins
PA9 to PA6,
PA4, PA3,
PA1, PA0
(SH7124)
8-bit input/output port pins
PB16, PB5,
PB3 to PB1
(SH7125)
I/O
General port
5-bit input/output port pins
PB5, PB3,
PB1
(SH7124)
3-bit input/output port pins
PE15 to PE0
(SH7125)
I/O
General port
16-bit input/output port pins
PE15 to PE8,
PE3 to PE0
(SH7124)
12-bit input/output port pins
I/O ports
PF7 to PF0
I
General port
8-bit input port pins
TCK
I
Test clock
Test-clock input pin
TMS
I
Test mode select Inputs the test-mode select signal.
TDI
I
Test data input
Serial input pin for instructions and
data
TDO
O
Test data
output
Serial output pin for instructions and
data
User debugging
interface
(H-UDI)
TRST
I
Test reset
Initialization-signal input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com