Electronic Components Datasheet Search
  English  ▼

X  

SH7124 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # SH7124
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  774 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7124 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button SH7124 Datasheet HTML 41Page - Renesas Technology Corp SH7124 Datasheet HTML 42Page - Renesas Technology Corp SH7124 Datasheet HTML 43Page - Renesas Technology Corp SH7124 Datasheet HTML 44Page - Renesas Technology Corp SH7124 Datasheet HTML 45Page - Renesas Technology Corp SH7124 Datasheet HTML 46Page - Renesas Technology Corp SH7124 Datasheet HTML 47Page - Renesas Technology Corp SH7124 Datasheet HTML 48Page - Renesas Technology Corp SH7124 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 774 page
background image
Section 2 CPU
Rev. 4.00 Jul. 25, 2008 Page 25 of 750
REJ09B0243-0400
Table 2.5
Access to Immediate Data
Type
This LSI's CPU
Example of Other CPU
8-bit immediate
MOV
#H'12,R0
MOV.B
#H'12,R0
16-bit immediate
MOV.W
@(disp,PC),R0
........
.DATA.W H'1234
MOV.W
#H'1234,R0
32-bit immediate
MOV.L
@(disp,PC),R0
........
.DATA.L H'12345678
MOV.L
#H'12345678,R0
Note:
*
Immediate data is accessed by @(disp,PC).
Absolute Addresses: When data is accessed by absolute address, place the absolute address value
in a table in memory beforehand. The absolute address value is transferred to a register using the
method whereby immediate data is loaded when an instruction is executed, and the data is
accessed using the register indirect addressing mode.
Table 2.6
Access to Absolute Address
Type
CPU in this LSI
Example of Other CPUs
Absolute address
MOV.L
@(disp,PC),R1
MOV.B
@R1,R0
........
.DATA.L H'12345678
MOV.B @H'12345678,R0
Note:
*
Immediate data is referenced by @(disp,PC).
16-Bit/32-Bit Displacement: When data is accessed using the 16- or 32-bit displacement
addressing mode, the displacement value is placed in a table in memory beforehand. Using the
method whereby immediate data is loaded when an instruction is executed, this value is
transferred to a register and the data is accessed using index register indirect addressing mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com