Electronic Components Datasheet Search
  English  ▼

X  

SH7124 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # SH7124
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  774 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7124 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button SH7124 Datasheet HTML 76Page - Renesas Technology Corp SH7124 Datasheet HTML 77Page - Renesas Technology Corp SH7124 Datasheet HTML 78Page - Renesas Technology Corp SH7124 Datasheet HTML 79Page - Renesas Technology Corp SH7124 Datasheet HTML 80Page - Renesas Technology Corp SH7124 Datasheet HTML 81Page - Renesas Technology Corp SH7124 Datasheet HTML 82Page - Renesas Technology Corp SH7124 Datasheet HTML 83Page - Renesas Technology Corp SH7124 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 774 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 4.00 Jul. 25, 2008 Page 60 of 750
REJ09B0243-0400
Table 4.4
Frequency Division Ratios Specifiable with FRQCR
FRQCR Division Ratio
Setting
Clock Ratio
Clock Frequency (MHz)*
PLL
Multipli-
cation
Ratio
I
φ
B
φ
P
φ
MP
φ
I
φ
B
φ
P
φ
MP
φ
Input
Clock
I
φ
B
φ
P
φ
MP
φ
×8
1/8
1/8
1/8
1/8
1
1
1
1
10
10
10
10
10
1/4
1/8
1/8
1/8
2
1
1
1
10
20
10
10
10
1/4
1/4
1/4
1/4
2
2
2
2
10
20
20
20
20
1/2
1/4
1/4
1/4
4
2
2
2
10
40
20
20
20
1/2
1/2
1/2
1/2
4
4
4
4
10
40
40
40
40
1/8
1/8
1/8
1/8
1
1
1
1
12.5
12.5
12.5
12.5
12.5
1/4
1/8
1/8
1/8
2
1
1
1
12.5
25
12.5
12.5
12.5
1/4
1/4
1/4
1/4
2
2
2
2
12.5
25
25
25
25
1/2
1/4
1/4
1/4
4
2
2
2
12.5
50
25
25
25
Notes: *
Clock frequencies when the input clock frequency is assumed to be the shown value.
The internal clock (I
φ) frequency must be 10 to 50 MHz and the peripheral clock (Pφ)
frequency must be 10 to 40 MHz. The bus clock (B
φ) frequency must be equal to the
peripheral clock (P
φ) frequency.
1. The PLL multiplication ratio is fixed at
×8. The division ratio can be selected from ×1/2,
×1/4, and ×1/8 for each clock by the setting in the frequency control register.
2. The output frequency of the PLL circuit is the product of the frequency of the input from
the crystal resonator or EXTAL pin and the multiplication ratio (
×8) of the PLL circuit.
3. The input to the divider is always the output from the PLL circuit.
4. The internal clock (I
φ) frequency is the product of the frequency of the input from the
crystal resonator or EXTAL pin, the multiplication ratio (
×8) of the PLL circuit, and the
division ratio of the divider. The resultant frequency must be a maximum of 50 MHz
(maximum operating frequency).
5. The peripheral clock (P
φ) frequency is the product of the frequency of the input from the
crystal resonator or EXTAL pin, the multiplication ratio (
×8) of the PLL circuit, and the
division ratio of the divider. The resultant frequency must be a maximum of 40 MHz.
6. When using the MTU2, the MTU2 clock (MP
φ) frequency must be equal to or higher
than the peripheral clock frequency (P
φ). The MTU2 clock (MPφ) frequency are the
product of the frequency of the input from the crystal resonator or EXTAL pin, the
multiplication ratio (
×8) of the PLL circuit, and the division ratio of the divider.
7. The frequency of the CK pin is always be equal to the bus clock (B
φ) frequency.
8. The bus clock (B
φ) frequency must be equal to the peripheral clock (Pφ) frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com