Electronic Components Datasheet Search
  English  ▼

X  

SH7124 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # SH7124
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  774 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7124 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button SH7124 Datasheet HTML 75Page - Renesas Technology Corp SH7124 Datasheet HTML 76Page - Renesas Technology Corp SH7124 Datasheet HTML 77Page - Renesas Technology Corp SH7124 Datasheet HTML 78Page - Renesas Technology Corp SH7124 Datasheet HTML 79Page - Renesas Technology Corp SH7124 Datasheet HTML 80Page - Renesas Technology Corp SH7124 Datasheet HTML 81Page - Renesas Technology Corp SH7124 Datasheet HTML 82Page - Renesas Technology Corp SH7124 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 774 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 4.00 Jul. 25, 2008 Page 59 of 750
REJ09B0243-0400
4.3
Clock Operating Mode
Table 4.3 shows the clock operating mode of this LSI.
Table 4.3
Clock Operating Mode
Source
PLL Circuit
Input to Divider
EXTAL input or crystal resonator
ON (
×8)
×8
The frequency of the external clock input from the EXTAL pin is multiplied by 8 in the PLL
circuit before being supplied to the on-chip modules in this LSI, which eliminates the need to
generate a high-frequency clock outside the LSI. Since the input clock frequency ranging from 10
MHz to 12.5 MHz can be used, the internal clock (I
φ) frequency ranges from 10 MHz to 50 MHz.
Maximum operating frequencies:
I
φ = 50 MHz, Bφ = 40 MHz, Pφ = 40 MHz, and MPφ = 40 MHz
Table 4.4 shows the frequency division ratios that can be specified with FRQCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com