Electronic Components Datasheet Search
  English  ▼

X  

SH7124 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # SH7124
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  774 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7124 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button SH7124 Datasheet HTML 40Page - Renesas Technology Corp SH7124 Datasheet HTML 41Page - Renesas Technology Corp SH7124 Datasheet HTML 42Page - Renesas Technology Corp SH7124 Datasheet HTML 43Page - Renesas Technology Corp SH7124 Datasheet HTML 44Page - Renesas Technology Corp SH7124 Datasheet HTML 45Page - Renesas Technology Corp SH7124 Datasheet HTML 46Page - Renesas Technology Corp SH7124 Datasheet HTML 47Page - Renesas Technology Corp SH7124 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 774 page
background image
Section 2 CPU
Rev. 4.00 Jul. 25, 2008 Page 24 of 750
REJ09B0243-0400
Load/Store Architecture: Basic operations are executed between registers. In operations
involving memory, data is first loaded into a register (load/store architecture). However, bit
manipulation instructions such as AND are executed directly in memory.
Delayed Branching: Unconditional branch instructions means the delayed branch instructions.
With a delayed branch instruction, the branch is made after execution of the instruction
immediately following the delayed branch instruction. This minimizes disruption of the pipeline
when a branch is made. The conditional branch instructions have two types of instructions:
conditional branch instructions and delayed branch instructions.
Table 2.3
Delayed Branch Instructions
CPU in this LSI
Description
Example of Other CPUs
BRA
TRGET
ADD
R1,R0
ADD is executed before branch to TRGET.
ADD.W R1,R0
BRA
TRGET
Multiply/Multiply-and-Accumulate Operations: A 16
× 16 → 32 multiply operation is
executed in one to two cycles, and a 16
× 16 + 64 → 64 multiply-and-accumulate operation in two
to three cycles. A 32
× 32 → 64 multiply operation and a 32 × 32 + 64 → 64 multiply-and-
accumulate operation are each executed in two to four cycles.
T Bit: The result of a comparison is indicated by the T bit in SR, and a conditional branch is
performed according to whether the result is True or False. Processing speed has been improved
by keeping the number of instructions that modify the T bit to a minimum.
Table 2.4
T Bit
CPU in this LSI
Description
Example of Other CPUs
CMP/GE
R1,R0
When R0
≥ R1, the T bit is set.
CMP.W R1,R0
BT
TRGET0
When R0
≥ R1, a branch is made to TRGET0. BGE
TRGET0
BF
TRGET1
When R0 < R1, a branch is made to TRGET1. BLT
TRGET1
ADD
#
1,R0
The T bit is not changed by ADD.
SUB.W #1,R0
CMP/EQ
#0,R0
When R0 = 0, the T bit is set.
BEQ
TRGET
BT
TRGET
A branch is made when R0 = 0.
Immediate Data: 8-bit immediate data is placed in the instruction code. Word and longword
immediate data is not placed in the instruction code. It is placed in a table in memory. The table in
memory is accessed with the MOV immediate data instruction using PC relative addressing mode
with displacement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com