Electronic Components Datasheet Search
  English  ▼

X  

SH7124 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # SH7124
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  774 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7124 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button SH7124 Datasheet HTML 42Page - Renesas Technology Corp SH7124 Datasheet HTML 43Page - Renesas Technology Corp SH7124 Datasheet HTML 44Page - Renesas Technology Corp SH7124 Datasheet HTML 45Page - Renesas Technology Corp SH7124 Datasheet HTML 46Page - Renesas Technology Corp SH7124 Datasheet HTML 47Page - Renesas Technology Corp SH7124 Datasheet HTML 48Page - Renesas Technology Corp SH7124 Datasheet HTML 49Page - Renesas Technology Corp SH7124 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 774 page
background image
Section 2 CPU
Rev. 4.00 Jul. 25, 2008 Page 26 of 750
REJ09B0243-0400
Table 2.7
Access with Displacement
Type
CPU in this LSI
Example of Other CPUs
16-bit displacement
MOV.W
@(disp,PC),R0
MOV.W
@(R0,R1),R2
........
.DATA.W H'1234
MOV.W
@(H'1234,R1),R2
Note:
*
Immediate data is referenced by @(disp,PC).
2.4.2
Addressing Modes
Table 2.8 lists addressing modes and effective address calculation methods.
Table 2.8
Addressing Modes and Effective Addresses
Addressing
Mode
Instruction
Format
Effective Address Calculation Method
Calculation
Formula
Register
direct
Rn
Effective address is register Rn.
(Operand is register Rn contents.)
Register
indirect
@Rn
Effective address is register Rn contents.
Rn
Rn
Rn
Register
indirect with
post-increment
@Rn+
Effective address is register Rn contents. A
constant is added to Rn after instruction
execution: 1 for a byte operand, 2 for a word
operand, 4 for a longword operand.
Rn
Rn
1/2/4
+
Rn + 1/2/4
Rn
After instruction
execution
Byte: Rn + 1
→ Rn
Word: Rn + 2
→ Rn
Longword: Rn + 4
→ Rn
Register
indirect with
pre-decrement
@–Rn
Effective address is register Rn contents,
decremented by a constant beforehand: 1 for a
byte operand, 2 for a word operand, 4 for a
longword operand.
Rn
Rn - 1/2/4
1/2/4
-
Rn - 1/2/4
Byte: Rn – 1
→ Rn
Word: Rn – 2
→ Rn
Longword: Rn – 4
→ Rn
(Instruction
executed with Rn
after calculation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com