Electronic Components Datasheet Search
  English  ▼

X  

SH7124 Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # SH7124
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  774 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7124 Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button SH7124 Datasheet HTML 92Page - Renesas Technology Corp SH7124 Datasheet HTML 93Page - Renesas Technology Corp SH7124 Datasheet HTML 94Page - Renesas Technology Corp SH7124 Datasheet HTML 95Page - Renesas Technology Corp SH7124 Datasheet HTML 96Page - Renesas Technology Corp SH7124 Datasheet HTML 97Page - Renesas Technology Corp SH7124 Datasheet HTML 98Page - Renesas Technology Corp SH7124 Datasheet HTML 99Page - Renesas Technology Corp SH7124 Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 774 page
background image
Section 5 Exception Handling
Rev. 4.00 Jul. 25, 2008 Page 76 of 750
REJ09B0243-0400
4. The values fetched from the exception handling vector table are set in PC and SP, then the
program starts.
Be certain to always perform power-on reset exception handling when turning the system power
on.
Power-On Reset by WDT: When WTCNT of the WDT overflows while a setting is made so that
a power-on reset can be generated in watchdog timer mode of the WDT, this LSI enters the
power-on reset state.
The frequency control register (FRQCR) in the clock pulse generator (CPG) and the watchdog
timer (WDT) registers are not initialized by a reset generated by the WDT (these registers are only
initialized by a power-on reset from the
RES pin).
If a reset caused by the signal input on the
RES pin and a reset caused by a WDT overflow occur
simultaneously, the
RES pin reset has priority, and the WOVF bit in RSTCSR is cleared to 0.
When the power-on reset exception handling caused by the WDT is started, the CPU operates as
follows:
1. The initial value (execution start address) of the program counter (PC) is fetched from the
exception handling vector table.
2. The initial value of the stack pointer (SP) is fetched from the exception handling vector table.
3. The vector base register (VBR) is cleared to H'00000000 and the interrupt mask bits (I3 to I0)
of the status register (SR) are set to H'F (B'1111).
4. The values fetched from the exception handling vector table are set in the PC and SP, then the
program starts.
5.2.3
Manual Reset
When the
RES pin is high and the MRES pin is driven low, the LSI becomes to be a manual reset
state. To reliably reset the LSI, the
MRES pin should be kept at low for at least the duration of the
oscillation settling time that is set in WDT when in software standby mode (when the clock is
halted) or at least 20 t
cyc when the clock is operating. During manual reset, the CPU internal status
is initialized. Registers of on-chip peripheral modules are not initialized. See appendix A, Pin
States, for the status of individual pins during manual reset mode.
In the manual reset status, manual reset exception processing starts when the
MRES pin is first
kept low for a set period of time and then returned to high. The CPU will then operate in the same
procedures as described for power-on resets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com