Electronic Components Datasheet Search
  English  ▼

X  

SH7124 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # SH7124
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  774 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7124 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button SH7124 Datasheet HTML 34Page - Renesas Technology Corp SH7124 Datasheet HTML 35Page - Renesas Technology Corp SH7124 Datasheet HTML 36Page - Renesas Technology Corp SH7124 Datasheet HTML 37Page - Renesas Technology Corp SH7124 Datasheet HTML 38Page - Renesas Technology Corp SH7124 Datasheet HTML 39Page - Renesas Technology Corp SH7124 Datasheet HTML 40Page - Renesas Technology Corp SH7124 Datasheet HTML 41Page - Renesas Technology Corp SH7124 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 774 page
background image
Section 2 CPU
Rev. 4.00 Jul. 25, 2008 Page 18 of 750
REJ09B0243-0400
2.2
Register Configuration
There are three types of registers: general registers (32-bit
× 16), control registers (32-bit × 3), and
system registers (32-bit
× 4).
31
0
R0*1
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R14
R15, SP (hardware stack pointer)*2
31
9 8 7 6 5 4 3 2 1 0
0
0
31
M
GBR
31
VBR
QI3 I2 I1 I0
S T
31
0
MACH
31
0
PR
31
0
PC
MACL
Notes: 1. R0 can be used as an index register in index register indirect or index GBR
indirect addressing mode. For some instructions, only R0 is used as the
source or destination register.
2. R15 is used as a hardware stack pointer during exception handling.
General register (Rn)
Status register (SR)
Global base register (GBR)
Vector base register (VBR)
Multiply and accumulate register (MAC)
Procedure register (PR)
Program counter (PC)
Figure 2.1 CPU Internal Register Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com