Electronic Components Datasheet Search
  English  ▼

X  

SH7124 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # SH7124
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  774 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7124 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button SH7124 Datasheet HTML 28Page - Renesas Technology Corp SH7124 Datasheet HTML 29Page - Renesas Technology Corp SH7124 Datasheet HTML 30Page - Renesas Technology Corp SH7124 Datasheet HTML 31Page - Renesas Technology Corp SH7124 Datasheet HTML 32Page - Renesas Technology Corp SH7124 Datasheet HTML 33Page - Renesas Technology Corp SH7124 Datasheet HTML 34Page - Renesas Technology Corp SH7124 Datasheet HTML 35Page - Renesas Technology Corp SH7124 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 774 page
background image
Section 1 Overview
Rev. 4.00 Jul. 25, 2008 Page 12 of 750
REJ09B0243-0400
Classification
Symbol
I/O
Name
Function
RES
I
Power-on reset
When low, this LSI enters the power-
on reset state.
MRES
I
Manual reset
When low, this LSI enters the
manual reset state.
System control
WDTOVF
O
Watchdog timer
overflow
Output signal for the watchdog timer
overflow
If this pin needs to be pulled down,
use the resistor larger than
1 M
Ω to pull this pin down.
NMI
I
Non-maskable
interrupt
Non-maskable interrupt request pin
Fix to high or low level when not in
use.
Interrupts
IRQ3 to IRQ0
(SH7125)
IRQ3 to IRQ1
(SH7124)
I
Interrupt requests
3 to 0
Maskable interrupt request pins
Selectable as level input or edge
input. The rising edge, falling edge,
and both edges are selectable as
edges.
IRQOUT
O
Interrupt request
output
Shows that an interrupt cause has
occurred. The interrupt cause can be
recognized even in the bus release
state.
TCLKA,
TCLKB,
TCLKC,
TCLKD
I
MTU2 timer clock
input
External clock input pins for the timer
TIOC0A,
TIOC0B,
TIOC0C,
TIOC0D
I/O
MTU2 input
capture/output
compare
(channel 0)
The TGRA_0 to TGRD_0 input
capture input/output compare
output/PWM output pins
TIOC1A,
TIOC1B
(only in
SH7125)
I/O
MTU2 input
capture/output
compare
(channel 1)
The TGRA_1 to TGRB_1 input
capture input/output compare
output/PWM output pins
Multi function timer-
pulse unit 2 (MTU2)
TIOC2A,
TIOC2B
(only in
SH7125)
I/O
MTU2 input
capture/output
compare
(channel 2)
The TGRA_2 to TGRB_2 input
capture input/output compare
output/PWM output pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com