Electronic Components Datasheet Search
  English  ▼

X  

SH7124 Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # SH7124
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  774 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7124 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button SH7124 Datasheet HTML 80Page - Renesas Technology Corp SH7124 Datasheet HTML 81Page - Renesas Technology Corp SH7124 Datasheet HTML 82Page - Renesas Technology Corp SH7124 Datasheet HTML 83Page - Renesas Technology Corp SH7124 Datasheet HTML 84Page - Renesas Technology Corp SH7124 Datasheet HTML 85Page - Renesas Technology Corp SH7124 Datasheet HTML 86Page - Renesas Technology Corp SH7124 Datasheet HTML 87Page - Renesas Technology Corp SH7124 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 774 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 4.00 Jul. 25, 2008 Page 64 of 750
REJ09B0243-0400
4.4.2
Oscillation Stop Detection Control Register (OSCCR)
OSCCR is an 8-bit readable/writable register that has an oscillation stop detection flag and selects
flag status output to an external pin. OSCCR can be accessed only in bytes.
Bit:
Initial value:
R/W:
7654321
0
00000000
RRRRRRR
R/W
-----
OSC
STOP
-
OSC
ERS
Bit
Bit Name
Initial
Value
R/W
Description
7 to 3
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
2
OSCSTOP 0
R
Oscillation Stop Detection Flag
[Setting condition]
• When a stop in the clock input is detected during
normal operation
[Clearing condition]
• By a power-on reset input through the RES pin
1
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
0
OSCERS
0
R/W
Oscillation Stop Detection Flag Output Select
Selects whether to output the oscillation stop detection
flag signal through the
WDTOVF pin.
0: Outputs only the WDT overflow signal through the
WDTOVF pin
1: Outputs the WDT overflow signal and the oscillation
stop detection flag signal through the
WDTOVF pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com