Electronic Components Datasheet Search
  English  ▼

X  

SH7124 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # SH7124
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  774 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7124 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button SH7124 Datasheet HTML 29Page - Renesas Technology Corp SH7124 Datasheet HTML 30Page - Renesas Technology Corp SH7124 Datasheet HTML 31Page - Renesas Technology Corp SH7124 Datasheet HTML 32Page - Renesas Technology Corp SH7124 Datasheet HTML 33Page - Renesas Technology Corp SH7124 Datasheet HTML 34Page - Renesas Technology Corp SH7124 Datasheet HTML 35Page - Renesas Technology Corp SH7124 Datasheet HTML 36Page - Renesas Technology Corp SH7124 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 774 page
background image
Section 1 Overview
Rev. 4.00 Jul. 25, 2008 Page 13 of 750
REJ09B0243-0400
Classification
Symbol
I/O
Name
Function
TIOC3A,
TIOC3B,
TIOC3C,
TIOC3D
I/O
MTU2 input
capture/output
compare
(channel 3)
The TGRA_3 to TGRD_3 input
capture input/output compare
output/PWM output pins
TIOC4A,
TIOC4B,
TIOC4C,
TIOC4D
I/O
MTU2 input
capture/output
compare
(channel 4)
The TGRA_4 to TGRD_4 input
capture input/output compare
output/PWM output pins
Multi function timer-
pulse unit 2 (MTU2)
TIC5U,
TIC5V,
TIC5W
I
MTU2 input
capture
(channel 5)
The TGRU_5, TGRV_5, and
TGRW_5 input capture input pins
Port output enable
(POE)
POE8, POE3,
POE1, POE0
(SH7125)
POE8, POE1,
POE0
(SH7124)
I
Port output
enable
Request signal input to place the
waveform output pins and channel 0
pins of MTU2 in high impedance
state.
In the SH7125, while
POE3 function
is selected in the PFC, the pin is
pulled up inside this LSI if no signals
are input to them.
TXD2 to
TXD0
O
Transmit data
Transmit data output pins
RXD2 to
RXD0
I
Receive data
Receive data input pins
Serial
communication
interface (SCI)
SCK2 to
SCK0
(SH7125)
SCK2, SCK0
(SH7124)
I/O
Serial clock
Clock input/output pins
AN7 to AN0
I
Analog input pins Analog input pins
ADTRG
(only in
SH7125)
I
A/D conversion
trigger input
External trigger input pin for starting
A/D conversion
A/D converter
(ADC)
AVcc
I
Analog power
supply
Power supply pin for the A/D
converter
Connect all AVcc pins to the system
power supply (Vcc) when the A/D
converter is not used. The A/D
converter does not work if any pin is
open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com