Electronic Components Datasheet Search
  English  ▼

X  

SH7124 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # SH7124
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  774 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7124 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button SH7124 Datasheet HTML 49Page - Renesas Technology Corp SH7124 Datasheet HTML 50Page - Renesas Technology Corp SH7124 Datasheet HTML 51Page - Renesas Technology Corp SH7124 Datasheet HTML 52Page - Renesas Technology Corp SH7124 Datasheet HTML 53Page - Renesas Technology Corp SH7124 Datasheet HTML 54Page - Renesas Technology Corp SH7124 Datasheet HTML 55Page - Renesas Technology Corp SH7124 Datasheet HTML 56Page - Renesas Technology Corp SH7124 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 774 page
background image
Section 2 CPU
Rev. 4.00 Jul. 25, 2008 Page 33 of 750
REJ09B0243-0400
2.5
Instruction Set
2.5.1
Instruction Set by Type
Table 2.10 lists the instructions classified by type.
Table 2.10
Instruction Types
Type
Kinds of
Instruction
Op Code
Function
Number of
Instructions
MOV
Data transfer
Immediate data transfer
Peripheral module data transfer
Structure data transfer
MOVA
Effective address transfer
MOVT
T bit transfer
SWAP
Upper/lower swap
Data transfer
instructions
5
XTRCT
Extraction of middle of linked registers
39
ADD
Binary addition
ADDC
Binary addition with carry
ADDV
Binary addition with overflow
CMP/cond
Comparison
DIV1
Division
DIV0S
Signed division initialization
DIV0U
Unsigned division initialization
DMULS
Signed double-precision multiplication
DMULU
Unsigned double-precision multiplication
DT
Decrement and test
EXTS
Sign extension
EXTU
Zero extension
MAC
Multiply-and-accumulate, double-
precision multiply-and-accumulate
Arithmetic
operation
instructions
21
MUL
Double-precision multiplication
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com