Electronic Components Datasheet Search
  English  ▼

X  

SH7124 Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # SH7124
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  774 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7124 Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button SH7124 Datasheet HTML 99Page - Renesas Technology Corp SH7124 Datasheet HTML 100Page - Renesas Technology Corp SH7124 Datasheet HTML 101Page - Renesas Technology Corp SH7124 Datasheet HTML 102Page - Renesas Technology Corp SH7124 Datasheet HTML 103Page - Renesas Technology Corp SH7124 Datasheet HTML 104Page - Renesas Technology Corp SH7124 Datasheet HTML 105Page - Renesas Technology Corp SH7124 Datasheet HTML 106Page - Renesas Technology Corp SH7124 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 774 page
background image
Section 5 Exception Handling
Rev. 4.00 Jul. 25, 2008 Page 83 of 750
REJ09B0243-0400
5.6
Cases when Exceptions are Accepted
When an exception other than resets occurs during decoding the instruction placed in a delay slot
or immediately after an interrupt disabled instruction, it may not be accepted and be held shown in
table 5.10. In this case, when an instruction which accepts an interrupt request is decoded, the
exception is accepted.
Table 5.10
Delay Slot Instructions, Interrupt Disabled Instructions, and Exceptions
Exception
Occurrence Timing
Address
Error
General
Illegal
Instruction
Slot Illegal
Instruction
Trap
Instruction
Interrupt
Instruction in delay slot
×*2
×*2
×*3
Immediately after interrupt
disabled instruction*
1
√
√
√
√
×*4
[Legend]
√: Accepted
×: Not accepted
: Does not occur
Notes: 1. Interrupt disabled instructions: LDC, LDC.L, STC, STC.L, LDS, LDS.L, STS, and STS.L
2. An exception is accepted before the execution of a delayed branch instruction.
However, when an address error or a slot illegal instruction exception occurs in the
delay slot of the RTE instruction, correct operation is not guaranteed.
3. An exception is accepted after a delayed branch (between instructions in the delay slot
and the branch destination).
4. An exception is accepted after the execution of the next instruction of an interrupt
disabled instruction (before the execution two instructions after an interrupt disabled
instruction).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com