Electronic Components Datasheet Search
  English  ▼

X  

SH7124 Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # SH7124
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  774 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7124 Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button SH7124 Datasheet HTML 109Page - Renesas Technology Corp SH7124 Datasheet HTML 110Page - Renesas Technology Corp SH7124 Datasheet HTML 111Page - Renesas Technology Corp SH7124 Datasheet HTML 112Page - Renesas Technology Corp SH7124 Datasheet HTML 113Page - Renesas Technology Corp SH7124 Datasheet HTML 114Page - Renesas Technology Corp SH7124 Datasheet HTML 115Page - Renesas Technology Corp SH7124 Datasheet HTML 116Page - Renesas Technology Corp SH7124 Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 774 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 4.00 Jul. 25, 2008 Page 93 of 750
REJ09B0243-0400
6.3.1
Interrupt Control Register 0 (ICR0)
ICR0 is a 16-bit register that sets the input signal detection mode of the external interrupt input pin
NMI and indicates the input signal level on the NMI pin.
Bit:
Initial value:
R/W:
15
14
13
12
11
10
987654321
0
Note:
The initial value is 1 when the level on the NMI pin is high, and 0 when the level on the pin is low.
*
*
000000000000000
RRRRRRR
R/W
RRRRRRRR
NMIL
------
NMIE
--------
Bit
Bit Name
Initial
Value
R/W
Description
15
NMIL
*
R
NMI Input Level
Indicates the state of the signal input to the NMI pin.
This bit can be read to determine the NMI pin level. This
bit cannot be modified.
0: State of the NMI input is low
1: State of the NMI input is high
14 to 9
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
8
NMIE
0
R/W
NMI Edge Select
0: Interrupt request is detected on the falling edge of the
NMI input
1: Interrupt request is detected on the rising edge of the
NMI input
7 to 0
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com