Electronic Components Datasheet Search
  English  ▼

X  

SH7124 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # SH7124
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  774 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7124 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button SH7124 Datasheet HTML 120Page - Renesas Technology Corp SH7124 Datasheet HTML 121Page - Renesas Technology Corp SH7124 Datasheet HTML 122Page - Renesas Technology Corp SH7124 Datasheet HTML 123Page - Renesas Technology Corp SH7124 Datasheet HTML 124Page - Renesas Technology Corp SH7124 Datasheet HTML 125Page - Renesas Technology Corp SH7124 Datasheet HTML 126Page - Renesas Technology Corp SH7124 Datasheet HTML 127Page - Renesas Technology Corp SH7124 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 774 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 4.00 Jul. 25, 2008 Page 104 of 750
REJ09B0243-0400
6.5
Interrupt Exception Handling Vector Table
Table 6.3 lists interrupt sources, their vector numbers, vector table address offsets, and interrupt
priorities.
Individual interrupt sources are allocated to different vector numbers and vector table address
offsets. Vector table addresses are calculated from the vector numbers and vector table address
offsets. For interrupt exception handling, the start address of the exception handling routine is
fetched from the vector table address in the vector table. For the details on calculation of vector
table addresses, see table 5.4 in section 5, Exception Handling.
IRQ interrupts and on-chip peripheral module interrupt priorities can be set freely between 0
and 15 for each pin or module by setting interrupt priority registers A to F and H to M (IPRA to
IPRF and IPRH to IPRM). However, when interrupt sources whose priority levels are allocated
with the same IPR are requested, the interrupt of the smaller vector number has priority. This
priority cannot be changed. Priority levels of IRQ interrupts and on-chip peripheral module
interrupts are initialized to level 0 at a power-on reset. If the same priority level is allocated to two
or more interrupt sources and interrupts from those sources occur simultaneously, they are
processed by the default priority order shown in table 6.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com