Electronic Components Datasheet Search
  English  ▼

X  

SH7124 Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # SH7124
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  774 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7124 Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button SH7124 Datasheet HTML 133Page - Renesas Technology Corp SH7124 Datasheet HTML 134Page - Renesas Technology Corp SH7124 Datasheet HTML 135Page - Renesas Technology Corp SH7124 Datasheet HTML 136Page - Renesas Technology Corp SH7124 Datasheet HTML 137Page - Renesas Technology Corp SH7124 Datasheet HTML 138Page - Renesas Technology Corp SH7124 Datasheet HTML 139Page - Renesas Technology Corp SH7124 Datasheet HTML 140Page - Renesas Technology Corp SH7124 Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 774 page
background image
Section 7 User Break Controller (UBC)
Rev. 4.00 Jul. 25, 2008 Page 117 of 750
REJ09B0243-0400
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
BAMA31 to
BAMA 0
All 0
R/W
Break Address Mask A
Specify bits masked in the channel A break address bits
specified by BARA (BAA31 to BAA0).
0: Break address bit BAAn of channel A is included in
the break condition
1: Break address bit BAAn of channel A is masked and
is not included in the break condition
Note: n = 31 to 0
7.2.3
Break Bus Cycle Register A (BBRA)
BBRA is a 16-bit readable/writable register, which specifies (1) bus master for I bus cycle, (2) L
bus cycle or I bus cycle, (3) instruction fetch or data access, (4) read or write, and (5) operand size
in the break conditions of channel A.
Bit:
Initial value:
R/W:
15
14
13
12
11
10
987654321
0
0000000000000000
RRRRR
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
-
-
-
-
-
CPA[2:0]
CDA[1:0]
IDA[1:0]
RWA[1:0]
SZA[1:0]
Bit
Bit Name
Initial
Value
R/W
Description
15 to 11
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
10 to 8
CPA[2:0]
000
R/W
Bus Master Select A for I Bus
Select the bus master when the I bus is selected as the
bus cycle of the channel A break condition. However,
when the L bus is selected as the bus cycle, the setting
of the CPA2 to CPA0 bits is disabled.
000: Condition comparison is not performed
xx1: The CPU cycle is included in the break condition
x1x: Setting prohibited
1xx: Setting prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com