Electronic Components Datasheet Search
  English  ▼

X  

SH7124 Datasheet(PDF) 174 Page - Renesas Technology Corp

Part # SH7124
Description  Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  774 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7124 Datasheet(HTML) 174 Page - Renesas Technology Corp

Back Button SH7124 Datasheet HTML 170Page - Renesas Technology Corp SH7124 Datasheet HTML 171Page - Renesas Technology Corp SH7124 Datasheet HTML 172Page - Renesas Technology Corp SH7124 Datasheet HTML 173Page - Renesas Technology Corp SH7124 Datasheet HTML 174Page - Renesas Technology Corp SH7124 Datasheet HTML 175Page - Renesas Technology Corp SH7124 Datasheet HTML 176Page - Renesas Technology Corp SH7124 Datasheet HTML 177Page - Renesas Technology Corp SH7124 Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 774 page
background image
Section 9 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 4.00 Jul. 25, 2008 Page 154 of 750
REJ09B0243-0400
Item
Channel 0
Channel 1
Channel 2
Channel 3
Channel 4
Channel 5
Interrupt sources
7 sources
•
Compare
match or
input
capture
0A
•
Compare
match or
input
capture
0B
•
Compare
match or
input
capture
0C
•
Compare
match or
input
capture
0D
•
Compare
match 0E
•
Compare
match 0F
•
Overflow
4 sources
•
Compare
match or
input
capture
1A*
2
•
Compare
match or
input
capture
1B*
2
•
Overflow
•
Underflow
4 sources
•
Compare
match or
input
capture
2A*
2
•
Compare
match or
input
capture
2B*
2
•
Overflow
•
Underflow
5 sources
•
Compare
match or
input
capture
3A
•
Compare
match or
input
capture
3B
•
Compare
match or
input
capture
3C
•
Compare
match or
input
capture
3D
•
Overflow
5 sources
•
Compare
match or
input
capture
4A
•
Compare
match or
input
capture
4B
•
Compare
match or
input
capture
4C
•
Compare
match or
input
capture
4D
•
Overflow
or
underflow
3 sources
•
Compare
match or
input
capture
5U
•
Compare
match or
input
capture
5V
•
Compare
match or
input
capture
5W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com