Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 31Page - Renesas Technology Corp SH7108 Datasheet HTML 32Page - Renesas Technology Corp SH7108 Datasheet HTML 33Page - Renesas Technology Corp SH7108 Datasheet HTML 34Page - Renesas Technology Corp SH7108 Datasheet HTML 35Page - Renesas Technology Corp SH7108 Datasheet HTML 36Page - Renesas Technology Corp SH7108 Datasheet HTML 37Page - Renesas Technology Corp SH7108 Datasheet HTML 38Page - Renesas Technology Corp SH7108 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 560 page
background image
Section 1 Overview
Rev.1.00 Sep. 18, 2008 Page 1 of 522
REJ09B0069-0100
Section 1 Overview
The SH7108 Series single-chip RISC microprocessor integrates a Renesas Technology original
RISC CPU core with peripheral functions required for system configuration.
The SH7108 Series CPU has a RISC-type instruction set
. Most instructions can be executed in one
state (one system clock cycle), which greatly improves instruction execution speed
. In addition,
the 32-bit internal-bus architecture enhances data processing power. With this CPU, it has become
possible to assemble low cost, high performance/high-functioning systems, even for applications
that were previously impossible with microprocessors, such as realtime control, which demands
high speeds.
In addition, the SH7108 Series includes on-chip peripheral functions necessary for system
configuration, such as ROM, RAM, timers, a serial communication interface (SCI), an A/D
converter, an interrupt controller (INTC), and I/O ports.
As the on-chip ROM, only masked ROM version is available. However, when F-ZTAT (Flexible
Zero Turn Around Time) version is required, the SH7046F (80 pins) or SH7047F (100 pins) can
be used.
1.1
Features
• Central processing unit with an internal 32-bit RISC (Reduced Instruction Set Computer)
architecture
⎯ Instruction length: 16-bit fixed length for improved code efficiency
⎯ Load-store architecture (basic operations are executed between registers)
⎯ Sixteen 32-bit general registers
⎯ Five-stage pipeline
⎯ On-chip multiplier: multiplication operations (32 bits × 32 bits → 64 bits) executed in two
to four cycles
⎯ C language-oriented 62 basic instructions
• Various peripheral functions
⎯ Multifunction timer/pulse unit (MTU)
⎯ Motor management timer(MMT)
⎯ Compare match timer (CMT)
⎯ Watchdog timer (WDT)
⎯ Asynchronous or clocked synchronous serial communication interface (SCI)
⎯ 10-bit A/D converter
⎯ Clock pulse generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com