Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 41Page - Renesas Technology Corp SH7108 Datasheet HTML 42Page - Renesas Technology Corp SH7108 Datasheet HTML 43Page - Renesas Technology Corp SH7108 Datasheet HTML 44Page - Renesas Technology Corp SH7108 Datasheet HTML 45Page - Renesas Technology Corp SH7108 Datasheet HTML 46Page - Renesas Technology Corp SH7108 Datasheet HTML 47Page - Renesas Technology Corp SH7108 Datasheet HTML 48Page - Renesas Technology Corp SH7108 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 560 page
background image
Section 1 Overview
Rev.1.00 Sep. 18, 2008 Page 11 of 522
REJ09B0069-0100
Type
Symbol
I/O
Name
Function
A/D
converter
AVSS
Input
Analog ground The ground pin for the A/D converter.
Connect this pin to the system power
supply (0 V). Connect all AVSS pins to the
system power supply. The chip does not
operate normally when some of these pins
are open.
PA15 to PA0
Input/
output
General
purpose port
16-bit general-purpose input/output pins.
PB5 to PB0
Input/
output
General
purpose port
6-bit general-purpose input/output pins.
PD8 to PD0
Input/
output
General
purpose port
9-bit general-purpose input/output pins.
PE21 to PE0
Input/
output
General
purpose port
22-bit general-purpose input/output pins.
PF15 to PF0
Input
General
purpose port
16-bit general-purpose input/output pins.
I/O ports
PG3 to PG0
Input
General
purpose port
4-bit general-purpose input/output pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com