| Electronic Components Datasheet Search |
|
SH7108 Datasheet(PDF) 42 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7108 Datasheet(HTML) 42 Page - Renesas Technology Corp |
|
42 / 560 page ![]() Section 1 Overview Rev.1.00 Sep. 18, 2008 Page 8 of 522 REJ09B0069-0100 Type Symbol I/O Name Function MD3 to MD0 Input Set the mode Set the operating mode. Inputs at these pins should not be changed during operation. Operating mode control FWP Input Protection against write operation into flash memory Pin for the flash memory. This pin is only used in the flash memory version. Writing or erasing of flash memory can be protected. This pin becomes the VCC pin for the masked ROM version. RES Input Power-on reset When this pin is driven low, the chip becomes to power-on reset state. MRES Input Manual reset When this pin is driven low, the chip becomes to manual reset state. HSTBY Input Standby When this pin is driven low, the chip shifts to standby mode. WDTOVF Output Watchdog timer overflow Output signal for the watchdog timer overflow. If this pin need to be pulled- down, use the resistor larger than 1 M Ω to pull the pin down. BREQ Input Bus request Driven low when an external device request the bus to be released. System control BACK Output Bus request acknowledge Indicates that the bus is released to the external device. The device output the BREQ signal controls the bus after it has received the BACK signal. NMI Input Non-maskable interrupt Non-maskable interrupt pin. If this pin is not used, it should be fixed high or low. IRQ3 to IRQ0 Input Interrupt request 3 to 0 These pins request a maskable interrupt. One of the level input or edge input can be selected. In case of the edge input, one of the rising edge, falling edge, or both can be selected. Interrupts IRQOUT Output Interrupt request output Shows that an interrupt cause has occurred. It is informed of an interrupt even when the bus is released. Address bus A17 to A0 Output Address bus These pins output addresses. Data bus D7 to D0 I/O Data bus 8-bit bidirectional bus. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |