Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 95Page - Renesas Technology Corp SH7108 Datasheet HTML 96Page - Renesas Technology Corp SH7108 Datasheet HTML 97Page - Renesas Technology Corp SH7108 Datasheet HTML 98Page - Renesas Technology Corp SH7108 Datasheet HTML 99Page - Renesas Technology Corp SH7108 Datasheet HTML 100Page - Renesas Technology Corp SH7108 Datasheet HTML 101Page - Renesas Technology Corp SH7108 Datasheet HTML 102Page - Renesas Technology Corp SH7108 Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 560 page
background image
Section 5 Exception Processing
Rev.1.00 Sep. 18, 2008 Page 65 of 522
REJ09B0069-0100
5.3
Address Errors
5.3.1
The Cause of Address Error Exception
Address errors occur when instructions are fetched or data is read or written, as shown in table 5.6.
Table 5.6
Bus Cycles and Address Errors
Bus Cycle
Type
Bus Master
Bus Cycle Description
Address Errors
Instruction fetched from even address
None (normal)
Instruction fetched from odd address
Address error occurs
Instruction fetched from other than on-chip
peripheral module space*
None (normal)
Instruction fetched from on-chip peripheral
module space*
Address error occurs
Instruction
fetch
CPU
Instruction fetched from external memory
space when in single chip mode
Address error occurs
Word data accessed from even address
None (normal)
Word data accessed from odd address
Address error occurs
Longword data accessed from a longword
boundary
None (normal)
Data
read/write
CPU
Longword data accessed from other than a
long-word boundary
Address error occurs
Byte or word data accessed in on-chip
peripheral module space*
None (normal)
Longword data accessed in 16-bit on-chip
peripheral module space*
None (normal)
Longword data accessed in 8-bit on-chip
peripheral module space*
Address error occurs
External memory space accessed when in
single chip mode
Address error occurs
Note:
*
See section 7, Bus State Controller (BSC) for more information on the on-chip
peripheral module space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com