Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 98Page - Renesas Technology Corp SH7108 Datasheet HTML 99Page - Renesas Technology Corp SH7108 Datasheet HTML 100Page - Renesas Technology Corp SH7108 Datasheet HTML 101Page - Renesas Technology Corp SH7108 Datasheet HTML 102Page - Renesas Technology Corp SH7108 Datasheet HTML 103Page - Renesas Technology Corp SH7108 Datasheet HTML 104Page - Renesas Technology Corp SH7108 Datasheet HTML 105Page - Renesas Technology Corp SH7108 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 560 page
background image
Section 5 Exception Processing
Rev.1.00 Sep. 18, 2008 Page 68 of 522
REJ09B0069-0100
Table 5.9
Types of Exceptions Triggered by Instructions
Type
Source Instruction
Comment
Trap instruction
TRAPA
⎯
Illegal slot
instructions
Undefined code placed
immediately after a delayed
branch instruction (delay slot) or
instructions that rewrite the PC
Delayed branch instructions: JMP, JSR,
BRA, BSR, RTS, RTE, BF/S, BT/S, BSRF,
BRAF
Instructions that rewrite the PC: JMP, JSR,
BRA, BSR, RTS, RTE, BT, BF, TRAPA,
BF/S, BT/S, BSRF, BRAF
General illegal
instructions
Undefined code anywhere
besides in a delay slot
⎯
5.5.2
Trap Instructions
When a TRAPA instruction is executed, trap instruction exception processing starts. The CPU
operates as follows:
1. The status register (SR) is saved to the stack.
2. The program counter (PC) is saved to the stack. The PC value saved is the start address of the
instruction to be executed after the TRAPA instruction.
3. The CPU reads the start address of the exception service routine from the exception processing
vector table that corresponds to the vector number specified in the TRAPA instruction, jumps
to that address and starts executing the program. This jump is not a delayed branch.
5.5.3
Illegal Slot Instructions
An instruction placed immediately after a delayed branch instruction is called
″instruction placed
in a delay slot
″. When the instruction placed in the delay slot is an undefined code, illegal slot
exception processing starts after the undefined code is decoded. Illegal slot exception processing
also starts when an instruction that rewrites the program counter (PC) is placed in a delay slot and
the instruction is decoded. The CPU handles an illegal slot instruction as follows:
1. The status register (SR) is saved to the stack.
2. The program counter (PC) is saved to the stack. The PC value saved is the target address of the
delayed branch instruction immediately before the undefined code or the instruction that
rewrites the PC.
3. The start address of the exception service routine is fetched from the exception processing
vector table that corresponds to the exception that occurred. That address is jumped to and the
program starts executing. The jump in this case is not a delayed branch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com