Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 97Page - Renesas Technology Corp SH7108 Datasheet HTML 98Page - Renesas Technology Corp SH7108 Datasheet HTML 99Page - Renesas Technology Corp SH7108 Datasheet HTML 100Page - Renesas Technology Corp SH7108 Datasheet HTML 101Page - Renesas Technology Corp SH7108 Datasheet HTML 102Page - Renesas Technology Corp SH7108 Datasheet HTML 103Page - Renesas Technology Corp SH7108 Datasheet HTML 104Page - Renesas Technology Corp SH7108 Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 560 page
background image
Section 5 Exception Processing
Rev.1.00 Sep. 18, 2008 Page 67 of 522
REJ09B0069-0100
5.4.2
Interrupt Priority Level
The interrupt priority is predetermined. When multiple interrupts occur simultaneously
(overlapped interruptions), the interrupt controller (INTC) determines their relative priorities and
starts the exception processing according to the results.
The priority of interrupts is expressed as priority levels 0 to 16, with priority 0 the lowest and
priority 16 the highest. The NMI interrupt has priority 16 and cannot be masked, so it is always
accepted. IRQ interrupt and on-chip peripheral module interrupt priority levels can be set freely
using the INTC’s interrupt priority registers A, D to K (IPRA, IPRD to IPRK) as shown in table
5.8. The priority levels that can be set are 0 to 15. Level 16 cannot be set. See section 6.3.4,
Interrupt Priority Registers A, D to K (IPRA, IPRD to IPRK), for more information on IPRA,
IPRD to IPRK.
Table 5.8
Interrupt Priority
Type
Priority Level
Comment
NMI
16
Fixed priority level. Cannot be masked.
IRQ
0 to 15
On-chip peripheral module
Set with interrupt priority registers A, D to K
(IPRA, IPRD to IPRK).
5.4.3
Interrupt Exception Processing
When an interrupt occurs, the interrupt controller (INTC) ascertains its priority level. NMI is
always accepted, but other interrupts are only accepted if they have a priority level higher than the
priority level set in the interrupt mask bits (I3 to I0) in the status register (SR).
When an interrupt is accepted, exception processing begins. In interrupt exception processing, the
CPU saves SR and the program counter (PC) to the stack. The priority level value of the accepted
interrupt is written to SR bits I3 to I0. For NMI, however, the priority level is 16, but the value set
in I3 to I0 is H'F (level 15). Next, the start address of the exception service routine is fetched from
the exception processing vector table for the accepted interrupt, that address is jumped to and
execution begins. See section 6.6, Interrupt Operation, for more information on the interrupt
exception processing.
5.5
Exceptions Triggered by Instructions
5.5.1
Types of Exceptions Triggered by Instructions
Exception processing can be triggered by trap instruction, illegal slot instructions, and general
illegal instructions, as shown in table 5.9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com