Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 85Page - Renesas Technology Corp SH7108 Datasheet HTML 86Page - Renesas Technology Corp SH7108 Datasheet HTML 87Page - Renesas Technology Corp SH7108 Datasheet HTML 88Page - Renesas Technology Corp SH7108 Datasheet HTML 89Page - Renesas Technology Corp SH7108 Datasheet HTML 90Page - Renesas Technology Corp SH7108 Datasheet HTML 91Page - Renesas Technology Corp SH7108 Datasheet HTML 92Page - Renesas Technology Corp SH7108 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 560 page
background image
Section 4 Clock Pulse Generator
CPG0110B_000020020700
Rev.1.00 Sep. 18, 2008 Page 55 of 522
REJ09B0069-0100
Section 4 Clock Pulse Generator
This LSI has an on-chip clock pulse generator (CPG) that generates the system clock (
φ) and
peripheral clock (P
φ) to generate the internal clock (φ/2 to φ/8192, Pφ/2 to Pφ/1024). The CPG
consists of an oscillator, PLL circuit, and pre-scaler. A block diagram of the clock pulse generator
is shown in figure 4.1. The frequency from the oscillator can be modified by the PLL circuit.
PLLCAP
EXTAL
XTAL
MD2
MD3
Pre-scaler
Pre-scaler
Oscillator
PLL circuit
Clock divider
(
× 1/2)
Clock mode
control circuitry
Within the LSI
φ/2 to
φ/8192
P
φ
φ
P
φ/2 to
P
φ/1024
Figure 4.1 Block Diagram of the Clock Pulse Generator
4.1
Oscillator
Clock pulses can be supplied from a connected crystal resonator or an external clock.
4.1.1
Connecting a Crystal Resonator
A crystal resonator can be connected as shown in figure 4.2. Use the damping resistance (Rd)
listed in table 4.1. Use an AT-cut parallel-resonance type crystal resonator that has a resonance
frequency of 4 to 12.5 MHz. It is recommended to consult crystal dealer concerning the
compatibility of the crystal resonator and the LSI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com