Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 87Page - Renesas Technology Corp SH7108 Datasheet HTML 88Page - Renesas Technology Corp SH7108 Datasheet HTML 89Page - Renesas Technology Corp SH7108 Datasheet HTML 90Page - Renesas Technology Corp SH7108 Datasheet HTML 91Page - Renesas Technology Corp SH7108 Datasheet HTML 92Page - Renesas Technology Corp SH7108 Datasheet HTML 93Page - Renesas Technology Corp SH7108 Datasheet HTML 94Page - Renesas Technology Corp SH7108 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 560 page
background image
Section 4 Clock Pulse Generator
Rev.1.00 Sep. 18, 2008 Page 57 of 522
REJ09B0069-0100
EXTAL
XTAL
External clock input
Open state
Figure 4.4 Example of External Clock Connection
4.2
Function for Detecting the Oscillator Halt
This CPG can detect a clock halt and automatically cause the timer pins to become high-
impedance when any system abnormality causes the oscillator to halt. That is, when a change of
EXTAL has not been detected, the high-current 12 pins (PE9/TIOC3B, PE11/TIOC3D,
PE12/TIOC4A, PE13/TIOC4B/
MRES, PE14/TIOC4C, PE15/TIOC4D/IRQOUT, PE16/PUOA,
PE17/PVOA, PE18/PWOA, PE19/PUOB, PE20/PVOB, PE21/PWOB) are set to high-impedance
regardless of PFC setting.
Even in standby mode, these 12 pins become high-impedance regardless of PFC setting. These
pins enter the normal state after standby mode is released. When abnormalities that halt the
oscillator occur except in standby mode, other LSI operations become undefined. In this case, LSI
operations, including these 12 pins, become undefined even when the oscillator operation starts
again.
4.3
Usage Notes
4.3.1
Note on Crystal Resonator
A sufficient evaluation at the user’s site is necessary to use the LSI, by referring the resonator
connection examples shown in this section, because various characteristics related to the crystal
resonator are closely linked to the user’s board design. Since the resonator circuit component
values depend on the resonator itself, floating capacitances in the application circuit, and other
factors, we recommend consulting with the resonator manufacturer to determine the circuit
component values used. Ensure that a voltage exceeding the maximum rating is not applied to the
oscillator pin.
4.3.2
Notes on Board Design
Measures against radiation noise are taken in this LSI. If radiation noise needs to be further
reduced, usage of a multi-layer printed circuit board with ground planes is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com