Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 77Page - Renesas Technology Corp SH7108 Datasheet HTML 78Page - Renesas Technology Corp SH7108 Datasheet HTML 79Page - Renesas Technology Corp SH7108 Datasheet HTML 80Page - Renesas Technology Corp SH7108 Datasheet HTML 81Page - Renesas Technology Corp SH7108 Datasheet HTML 82Page - Renesas Technology Corp SH7108 Datasheet HTML 83Page - Renesas Technology Corp SH7108 Datasheet HTML 84Page - Renesas Technology Corp SH7108 Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 560 page
background image
Section 3 MCU Operating Modes
Rev.1.00 Sep. 18, 2008 Page 47 of 522
REJ09B0069-0100
3.3
Explanation of Operating Modes
3.3.1
Mode 0 (MCU Extended Mode 0)
The CS0 space becomes an external memory space with 8-bit bus width in mode 0. This mode is
not supported in the SH7108/SH7106/SH7104/SH7101.
3.3.2
Mode 1 (MCU Extended Mode 1)
This mode is not supported in this LSI.
3.3.3
Mode 2 (MCU Extended Mode 2)
The on-chip ROM is enabled and the CS0 space can be used in mode 2. This mode is not
supported in the SH7108/SH7106/SH7104/SH7101.
3.3.4
Mode 3 (Single-Chip Mode)
All ports can be used in mode 3, however the external address cannot be used. The
SH7108/SH7106/SH7104/SH7101 supports only this mode.
3.3.5
Clock Mode
The input waveform frequency can be used as is, doubled, or quadrupled as system clock
frequency in mode 0 to mode 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com