Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 48Page - Renesas Technology Corp SH7108 Datasheet HTML 49Page - Renesas Technology Corp SH7108 Datasheet HTML 50Page - Renesas Technology Corp SH7108 Datasheet HTML 51Page - Renesas Technology Corp SH7108 Datasheet HTML 52Page - Renesas Technology Corp SH7108 Datasheet HTML 53Page - Renesas Technology Corp SH7108 Datasheet HTML 54Page - Renesas Technology Corp SH7108 Datasheet HTML 55Page - Renesas Technology Corp SH7108 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 560 page
background image
Section 2 CPU
Rev.1.00 Sep. 18, 2008 Page 18 of 522
REJ09B0069-0100
Global Base Register (GBR): Indicates the base address of the indirect GBR addressing mode.
The indirect GBR addressing mode is used in data transfer for on-chip peripheral modules register
areas and in logic operations.
Vector Base Register (VBR): Indicates the base address of the exception processing vector area.
2.2.3
System Registers
System registers consist of four 32-bit registers: high and low multiply and accumulate registers
(MACH and MACL), the procedure register (PR), and the program counter (PC).
Multiply-and-Accumulate Registers (MAC): Registers to store the results of multiply-and-
accumulate operations.
Procedure Register (PR): Registers to store the return address from a subroutine procedure.
Program Counter (PC): Registers to indicate the sum of current instruction addresses and four,
that is, the address of the second instruction after the current instruction.
2.2.4
Initial Values of Registers
Table 2.1 lists the values of the registers after reset.
Table 2.1
Initial Values of Registers
Classification
Register
Initial Value
R0 to R14
Undefined
General registers
R15 (SP)
Value of the stack pointer in the vector
address table
SR
Bits I3 to I0 are 1111 (H'F), reserved bits
are 0, and other bits are undefined
GBR
Undefined
Control registers
VBR
H'00000000
System registers
MACH, MACL, PR
Undefined
PC
Value of the program counter in the vector
address table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com