Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 32Page - Renesas Technology Corp SH7108 Datasheet HTML 33Page - Renesas Technology Corp SH7108 Datasheet HTML 34Page - Renesas Technology Corp SH7108 Datasheet HTML 35Page - Renesas Technology Corp SH7108 Datasheet HTML 36Page - Renesas Technology Corp SH7108 Datasheet HTML 37Page - Renesas Technology Corp SH7108 Datasheet HTML 38Page - Renesas Technology Corp SH7108 Datasheet HTML 39Page - Renesas Technology Corp SH7108 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 560 page
background image
Section 1 Overview
Rev.1.00 Sep. 18, 2008 Page 2 of 522
REJ09B0069-0100
• On-chip memory
ROM
Model
ROM
RAM
Remarks
Mask ROM
version
HD6437108
HD6437106
HD6437104
HD6437101
128 kbytes
64 kbytes
256 kbytes
32 kbytes
4 kbytes
4 kbytes
8 kbytes
2 kbytes
HD6437109
HD6437107
HD6437105
128 kbytes
64 kbytes
256 kbytes
4 kbytes
4 kbytes
8 kbytes
• Maximum operating frequency and operating temperature range
Model
Maximum Operating
Frequency (MHz) (System
Clock (
φ) and Peripheral
Clock (P
φ))
Operating Temperature
Range (
°C)
HD6437108F50/HD6437106F50
HD6437104F50/HD6437101F50
HD6437109F50/HD6437107F50/
HD6437105F50
(50, 25) or (40, 40)
-20 to +75
HD6437108FW50/HD6437106FW50
HD6437104FW50/HD6437101FW50
HD6437109FW50/HD6437107FW50/
HD6437105FW50
(50, 25) or (40, 40)
-40 to +85
HD6437101F40
(40, 40)
-40 to +75
HD6437101FW40
(40, 40)
-40 to +85
• I/O ports
Model
No. of I/O Pins
No. of Input-only Pins
HD6437108/HD6437106
HD6437104/HD6437101
42
12
HD6437109/HD6437107/HD6437105
53
16
• Supports various power-down states
• Compact package
Model
Package
(Code)
Body Size
Pin Pitch
HD6437108/HD6437106/
HD6437104/HD6437101
QFP-80
FP-80Q
14.0
× 14.0 mm
0.65 mm
HD6437109/HD6437107/
HD6437105
QFP-100
FP-100M
14.0
× 14.0 mm
0.50 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com