Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 56Page - Renesas Technology Corp SH7108 Datasheet HTML 57Page - Renesas Technology Corp SH7108 Datasheet HTML 58Page - Renesas Technology Corp SH7108 Datasheet HTML 59Page - Renesas Technology Corp SH7108 Datasheet HTML 60Page - Renesas Technology Corp SH7108 Datasheet HTML 61Page - Renesas Technology Corp SH7108 Datasheet HTML 62Page - Renesas Technology Corp SH7108 Datasheet HTML 63Page - Renesas Technology Corp SH7108 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 560 page
background image
Section 2 CPU
Rev.1.00 Sep. 18, 2008 Page 26 of 522
REJ09B0069-0100
2.4.3
Instruction Format
The instruction formats and the meaning of source and destination operand are described below.
The meaning of the operand depends on the instruction code. The symbols used are as follows:
• xxxx: Instruction code
• mmmm: Source register
• nnnn: Destination register
• iiii: Immediate data
• dddd: Displacement
Table 2.9
Instruction Formats
Instruction Formats
Source
Operand
Destination
Operand
Example
0 format
xxxx
xxxx
xxxx
xxxx
15
0
—
—
NOP
—
nnnn: Direct
register
MOVT
Rn
Control register or
system register
nnnn: Direct
register
STS
MACH,Rn
n format
xxxx
xxxx
xxxx
nnnn
15
0
Control register or
system register
nnnn: Indirect pre-
decrement register
STC.L SR,@-Rn
mmmm: Direct
register
Control register or
system register
LDC
Rm,SR
mmmm: Indirect
post-increment
register
Control register or
system register
LDC.L @Rm+,SR
mmmm: Indirect
register
—
JMP
@Rm
m format
xxxx
mmmm
xxxx
xxxx
15
0
mmmm: PC
relative using Rm
—
BRAF
Rm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com