Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 89Page - Renesas Technology Corp SH7108 Datasheet HTML 90Page - Renesas Technology Corp SH7108 Datasheet HTML 91Page - Renesas Technology Corp SH7108 Datasheet HTML 92Page - Renesas Technology Corp SH7108 Datasheet HTML 93Page - Renesas Technology Corp SH7108 Datasheet HTML 94Page - Renesas Technology Corp SH7108 Datasheet HTML 95Page - Renesas Technology Corp SH7108 Datasheet HTML 96Page - Renesas Technology Corp SH7108 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 560 page
background image
Section 5 Exception Processing
Rev.1.00 Sep. 18, 2008 Page 59 of 522
REJ09B0069-0100
Section 5 Exception Processing
5.1
Overview
5.1.1
Types of Exception Processing and Priority
Exception processing is started by four sources: resets, address errors, interrupts and instructions
and have the priority, as shown in table 5.1. When several exception processing sources occur at
once, they are processed according to the priority.
Table 5.1
Types of Exception Processing and Priority
Exception
Source
Priority
Reset
Power-on reset
High
Manual reset
Address
error
CPU address error
Interrupt
NMI
IRQ
On-chip peripheral
modules:
• Multifunction timer pulse unit (MTU)
• A/D converter 0 and 1 (A/D0, A/D1)
• Compare match timer 0 and 1 (CMT0, CMT1)
• Watchdog timer (WDT)
• Input/output port (I/O) (MTU)
• Serial communication interface 2 and 3 (SCI2 and
SCI3)
• Motor management timer (MMT)
• A/D converter 2 (A/D2)
• Input/output port (I/O) (MMT)
Instructions
Trap instruction (TRAPA instruction)
General illegal instructions (undefined code)
Illegal slot instructions (undefined code placed directly after a delay
branch instruction*
1 or instructions that rewrite the PC*2)
Low
Notes: 1. Delayed branch instructions: JMP, JSR, BRA, BSR, RTS, RTE, BF/S, BT/S, BSRF, and
BRAF.
2. Instructions that rewrite the PC: JMP, JSR, BRA, BSR, RTS, RTE, BT, BF, TRAPA,
BF/S, BT/S, BSRF, and BRAF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com