Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 66Page - Renesas Technology Corp SH7108 Datasheet HTML 67Page - Renesas Technology Corp SH7108 Datasheet HTML 68Page - Renesas Technology Corp SH7108 Datasheet HTML 69Page - Renesas Technology Corp SH7108 Datasheet HTML 70Page - Renesas Technology Corp SH7108 Datasheet HTML 71Page - Renesas Technology Corp SH7108 Datasheet HTML 72Page - Renesas Technology Corp SH7108 Datasheet HTML 73Page - Renesas Technology Corp SH7108 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 560 page
background image
Section 2 CPU
Rev.1.00 Sep. 18, 2008 Page 36 of 522
REJ09B0069-0100
Instruction
Instruction Code
Operation
Execu-
tion
States
T Bit
DMULU.L Rm,Rn
0011nnnnmmmm0101
Unsigned operation of
Rn
× Rm → MACH,
MACL 32
× 32 → 64 bits
2 to 4*
—
DT
Rn
0100nnnn00010000
Rn – 1
→ Rn, when Rn
is 0, 1
→ T. When Rn is
nonzero, 0
→ T
1
Comparison
result
EXTS.B
Rm,Rn
0110nnnnmmmm1110
Byte in Rm is sign-
extended
→ Rn
1
—
EXTS.W
Rm,Rn
0110nnnnmmmm1111
Word in Rm is sign-
extended
→ Rn
1
—
EXTU.B
Rm,Rn
0110nnnnmmmm1100
Byte in Rm is zero-
extended
→ Rn
1
—
EXTU.W
Rm,Rn
0110nnnnmmmm1101
Word in Rm is zero-
extended
→ Rn
1
—
MAC.L
@Rm+,@Rn+ 0000nnnnmmmm1111
Signed operation of
(Rn)
× (Rm) + MAC →
MAC 32
× 32 + 64 →
64 bits
3/
(2 to 4)*
—
MAC.W
@Rm+,@Rn+ 0100nnnnmmmm1111
Signed operation of
(Rn)
× (Rm) + MAC →
MAC 16
× 16 + 64 →
64 bits
3/(2)*
—
MUL.L
Rm,Rn
0000nnnnmmmm0111
Rn
× Rm → MACL,
32
× 32 → 32 bits
2 to 4*
—
MULS.W
Rm,Rn
0010nnnnmmmm1111
Signed operation of
Rn
× Rm → MACL 16 ×
16
→ 32 bits
1 to 3*
—
MULU.W
Rm,Rn
0010nnnnmmmm1110
Unsigned operation of
Rn
× Rm → MACL 16 ×
16
→ 32 bits
1 to 3*
—
NEG
Rm,Rn
0110nnnnmmmm1011
0 – Rm
→ Rn
1
—
NEGC
Rm,Rn
0110nnnnmmmm1010
0 – Rm – T
→ Rn,
Borrow
→ T
1
Borrow
SUB
Rm,Rn
0011nnnnmmmm1000
Rn – Rm
→ Rn
1
—
SUBC
Rm,Rn
0011nnnnmmmm1010
Rn – Rm – T
→ Rn,
Borrow
→ T
1
Borrow
SUBV
Rm,Rn
0011nnnnmmmm1011
Rn – Rm
→ Rn,
Underflow
→ T
1
Overflow
Note:
*
The normal number of execution states is shown. (The number in parentheses is the
number of states when there is contention with the preceding or following instructions.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com