Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 40Page - Renesas Technology Corp SH7108 Datasheet HTML 41Page - Renesas Technology Corp SH7108 Datasheet HTML 42Page - Renesas Technology Corp SH7108 Datasheet HTML 43Page - Renesas Technology Corp SH7108 Datasheet HTML 44Page - Renesas Technology Corp SH7108 Datasheet HTML 45Page - Renesas Technology Corp SH7108 Datasheet HTML 46Page - Renesas Technology Corp SH7108 Datasheet HTML 47Page - Renesas Technology Corp SH7108 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 560 page
background image
Section 1 Overview
Rev.1.00 Sep. 18, 2008 Page 10 of 522
REJ09B0069-0100
Type
Symbol
I/O
Name
Function
TxD2
TxD3
Output
Transmit data
Data output pins.
RxD2
RxD3
Input
Receive data
Data input pins.
Serial com-
munication
interface
(SCI)
SCK2
SCK3
Input/
output
Serial clock
Clock input/output pins.
PUOA
Output
U-phase of
PWM
U-phase output pin for 6-phase non-
overlap PWM waveforms.
PUOB
Output
U-phase of
PWM
U-phase output pin for 6-phase non-
overlap PWM waveforms.
PVOA
Output
V-phase of
PWM
V-phase output pin for 6-phase non-
overlap PWM waveforms.
PVOB
Output
V-phase of
PWM
V-phase output pin for 6-phase non-
overlap PWM waveforms.
PWOA
Output
W-phase of
PWM
W-phase output pin for 6-phase non-
overlap PWM waveforms.
PWOB
Output
W-phase of
PWM
W-phase output pin for 6-phase non-
overlap PWM waveforms.
Motor
management
timer
(MMT)
PCIO
Input/
output
PWM control
Counter clear input pin by external input or
output pin, or toggle output pin
synchronized with PWM period.
Output
control for
MTU and
MMT
POE6 to
POE0
Input
Port output
control
Input pins for the signal to request the
output pins of MTU or MMT to become
high impedance state.
A/D
converter
AN19 to AN0 Input
Analog input
pins
Analog input pins.
ADTRG
Input
Input of trigger
for A/D
conversion
Pin for input of an external trigger to start
A/D conversion.
AVCC
Input
Analog power
supply
Power supply pin for the A/D converter.
When the A/D converter is not used,
connect this pin to the system power
supply (+5 V). Connect all AVCC pins to
the power supply. The chip does not
operate normally when some of these pins
are open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com