Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 49Page - Renesas Technology Corp SH7108 Datasheet HTML 50Page - Renesas Technology Corp SH7108 Datasheet HTML 51Page - Renesas Technology Corp SH7108 Datasheet HTML 52Page - Renesas Technology Corp SH7108 Datasheet HTML 53Page - Renesas Technology Corp SH7108 Datasheet HTML 54Page - Renesas Technology Corp SH7108 Datasheet HTML 55Page - Renesas Technology Corp SH7108 Datasheet HTML 56Page - Renesas Technology Corp SH7108 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 560 page
background image
Section 2 CPU
Rev.1.00 Sep. 18, 2008 Page 19 of 522
REJ09B0069-0100
2.3
Data Formats
2.3.1
Data Format in Registers
Register operands are always longwords (32 bits). If the size of memory operand is a byte (8 bits)
or a word (16 bits), it is changed into a longword by expanding the sign-part when loaded into a
register.
31
0
Longword
Figure 2.2 Data Format in Registers
2.3.2
Data Formats in Memory
Memory data formats are classified into bytes, words, and longwords. Byte data can be accessed
from any address. Locate, however, word data at an address 2n, longword data at 4n. Otherwise,
an address error will occur if an attempt is made to access word data starting from an address other
than 2n or longword data starting from an address other than 4n. In such cases, the data accessed
cannot be guaranteed. The hardware stack area, pointed by the hardware stack pointer (SP, R15),
uses only longword data starting from address 4n because this area holds the program counter and
status register.
31
0
15
23
7
Byte
Byte
Byte
Byte
Word
Word
Address 2n
Address 4n
Longword
Address m
Address m + 2
Address m + 1
Address m + 3
Figure 2.3 Data Formats in Memory
2.3.3
Immediate Data Format
Byte (8 bit) immediate data resides in an instruction code. Immediate data accessed by the MOV,
ADD, and CMP/EQ instructions is sign-extended and handled in registers as longword data.
Immediate data accessed by the TST, AND, OR, and XOR instructions is zero-extended and
handled as longword data. Consequently, AND instructions with immediate data always clear the
upper 24 bits of the destination register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com