Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 75Page - Renesas Technology Corp SH7108 Datasheet HTML 76Page - Renesas Technology Corp SH7108 Datasheet HTML 77Page - Renesas Technology Corp SH7108 Datasheet HTML 78Page - Renesas Technology Corp SH7108 Datasheet HTML 79Page - Renesas Technology Corp SH7108 Datasheet HTML 80Page - Renesas Technology Corp SH7108 Datasheet HTML 81Page - Renesas Technology Corp SH7108 Datasheet HTML 82Page - Renesas Technology Corp SH7108 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 560 page
background image
Section 3 MCU Operating Modes
Rev.1.00 Sep. 18, 2008 Page 45 of 522
REJ09B0069-0100
Section 3 MCU Operating Modes
3.1
Selection of Operating Modes
This LSI has four operating modes and four clock modes. The operating mode is determined by
the settings of MD3 to MD0, and FWP pins. Do not change these pins during LSI operation (while
power is on). Do not set these pins in the other way than the combination shown in table 3.1.
Table 3.1
Selection of Operating Modes
Pin Settings
Product Type
Mode No. FWP MD3 MD2 MD1 MD0
Mode
Name
On-Chip
ROM
BusWidth
of CS0
Space
SH7108
SH7106
SH7104
SH7101
SH7109
SH7107
SH7105
Mode 0
1
x
x
0
0
MCU
extended
mode 0
Disabled
8 bits
⎯
Support
ed
Mode 1*
1
x
x
0
1
MCU
extended
mode 1
Disabled
⎯
⎯
⎯
Mode 2
1
x
x
1
0
MCU
extended
mode 2
Enabled
Set by
BCR1 in
BSC
⎯
Support
ed
Mode 3
1
x
x
1
1
Single-chip
mode
Enabled
⎯
Support
ed
Support
ed
Notes: The symbol x means “Don’t care”.
*
This mode cannot be used for this LSI.
There are two modes as the MCU operating modes: MCU extended mode and single-chip mode.
The clock mode is selected by the input of MD2 and MD3 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com