Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 387 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 387 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 383Page - Renesas Technology Corp SH7108 Datasheet HTML 384Page - Renesas Technology Corp SH7108 Datasheet HTML 385Page - Renesas Technology Corp SH7108 Datasheet HTML 386Page - Renesas Technology Corp SH7108 Datasheet HTML 387Page - Renesas Technology Corp SH7108 Datasheet HTML 388Page - Renesas Technology Corp SH7108 Datasheet HTML 389Page - Renesas Technology Corp SH7108 Datasheet HTML 390Page - Renesas Technology Corp SH7108 Datasheet HTML 391Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 560 page
background image
Section 12 Compare Match Timer (CMT)
Rev.1.00 Sep. 18, 2008 Page 353 of 522
REJ09B0069-0100
12.2.2
Compare Match Timer Control/Status Registers_0 and 1 (CMCSR_0, CMCSR_1)
CMCSR is a 16-bit register that indicates the occurrence of compare matches, enables or disables
interrupts, and sets the clock used for incrementation.
Bit
Bit Name
Initial
Value
R/W
Description
15 to 8
⎯
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
7
CMF
0
R/(W)* Compare Match Flag
Indicates whether or not the CMCNT and CMCOR values
have matched.
0: CMCNT and CMCOR values have not matched
[Clearing condition]
• Write 0 to CMF after reading 1 from it
1: CMCNT and CMCOR values have matched
6
CMIE
0
R/W
Compare Match Interrupt Enable
Selects whether to enable or disable a compare match
interrupt (CMI) when the CMCNT and CMCOR values
have matched (CMF = 1).
0: Compare match interrupt (CMI) disabled
1: Compare match interrupt (CMI) enabled
5 to 2
⎯
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
1
0
CKS1
CKS0
0
0
R/W
R/W
Select the clock input to CMCNT among the four internal
clocks obtained by dividing the peripheral clock (P
φ).
When the STR bit in CMSTR is set to 1, CMCNT begins
incrementing with the clock selected by the CKS1 and
CKS0 bits.
00: P
φ/8
01: P
φ/32
10: P
φ/128
11: P
φ/512
Note:
*
Only 0 can be written for flag clearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com