Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 418 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 418 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 414Page - Renesas Technology Corp SH7108 Datasheet HTML 415Page - Renesas Technology Corp SH7108 Datasheet HTML 416Page - Renesas Technology Corp SH7108 Datasheet HTML 417Page - Renesas Technology Corp SH7108 Datasheet HTML 418Page - Renesas Technology Corp SH7108 Datasheet HTML 419Page - Renesas Technology Corp SH7108 Datasheet HTML 420Page - Renesas Technology Corp SH7108 Datasheet HTML 421Page - Renesas Technology Corp SH7108 Datasheet HTML 422Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 418 / 560 page
background image
Section 13 Motor Management Timer (MMT)
Rev.1.00 Sep. 18, 2008 Page 384 of 522
REJ09B0069-0100
(2) Contention between Compare Register Write and Compare Match
If a compare match occurs in the T2 state of a compare register (TGR or TPDR) write cycle, the
compare register write is not performed, and data is transferred from the buffer register (TBRU,
TBRV, TBRW, or TPBR) to the compare register by a buffer operation.
Figure 13.15 shows the timing in this case.
N
N
P
Address
Compare match
signal
Interrupt request
signal
Buffer register
Compare register
Write signal
Compare register
address
Compare register
write cycle
T1
T2
Figure 13.15 Contention between Compare Register Write and Compare Match
(3) Pay Attention to the Notices Below, When a Value is Written into the Timer General
Register U (TGRU), Timer General Register V (TGRV), Timer General Register W
(TGRW), and in Case of Written into Free Operation Address (*)
• In case of counting up: Do not write a value {Previous value of TGRU + Td} into TGRU.
• In case of counting down: Do not write a value {Previous value of TGRU - Td} into TGRU.
In the same manner to TGRV and TGRW. When a value {Previous value of TGRU + Td} is
written (in case of counting down {Previous value of TGRU - Td}), the output of PUOA/PUOB,
PVOA/PVOB, PWOA/PWOB (corresponding to U, V, W phase) may not be output for 1 cycle.
Figure 15.17 shows the error case. When writing into the buffer operation address, these notes are
not relevant.
Note: *
When addresses, H'FFFF8A1C, H'FFFF8A2C, H'FFFF8A3C are used as register
address for TBRU, TBRV, TBRW, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com