Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 425 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 425 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 421Page - Renesas Technology Corp SH7108 Datasheet HTML 422Page - Renesas Technology Corp SH7108 Datasheet HTML 423Page - Renesas Technology Corp SH7108 Datasheet HTML 424Page - Renesas Technology Corp SH7108 Datasheet HTML 425Page - Renesas Technology Corp SH7108 Datasheet HTML 426Page - Renesas Technology Corp SH7108 Datasheet HTML 427Page - Renesas Technology Corp SH7108 Datasheet HTML 428Page - Renesas Technology Corp SH7108 Datasheet HTML 429Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 425 / 560 page
background image
Section 13 Motor Management Timer (MMT)
Rev.1.00 Sep. 18, 2008 Page 391 of 522
REJ09B0069-0100
P
8, 16, or
128 clocks
Sampling clock
input
PUOA
All low-level samples
At least one high-level
sample
[1]
[1]
[2]
[2]
[3]
[16] Flag set (POE accepted)
High-impedance state
Flag not set
[13]
Note: The other MMT output pins also enter the high-impedance state at the same timing.
Figure 13.18 Low Level Detection Operation
(2) Exiting High-Impedance State
The MMT output pins that have entered the high-impedance state by the input level detection are
released from this state by restoring them to their initial states by means of a power-on reset, or by
clearing all the POE flags in ICSR2 (POE4F to POE6F: bits 12 to 14).
13.8.5
Usage Note
To set the POE pin as a level-detective pin, a high level signal must be firstly input to the POE
pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com