Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 447 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 447 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 443Page - Renesas Technology Corp SH7108 Datasheet HTML 444Page - Renesas Technology Corp SH7108 Datasheet HTML 445Page - Renesas Technology Corp SH7108 Datasheet HTML 446Page - Renesas Technology Corp SH7108 Datasheet HTML 447Page - Renesas Technology Corp SH7108 Datasheet HTML 448Page - Renesas Technology Corp SH7108 Datasheet HTML 449Page - Renesas Technology Corp SH7108 Datasheet HTML 450Page - Renesas Technology Corp SH7108 Datasheet HTML 451Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 447 / 560 page
background image
Section 14 Pin Function Controller (PFC)
Rev.1.00 Sep. 18, 2008 Page 413 of 522
REJ09B0069-0100
(2) Port A Control Registers L3 to L1 (PACRL3 to PACRL1) in SH7109
Register
Bit
Bit Name
Initial
Value
R/W
Description
PACRL3
PACRL1
PACRL1
15
15
14
PA15MD2
PA15MD1
PA15MD0
0
0
0
R/W
R/W
R/W
PA15 Mode
Select the function of the PA15/CK/
POE6/BACK pin.
000: PA15 I/O (port)
100: Setting prohibited
001: CK output (CPG)
101:
BACK output (BSC)
010:
POE6 input (port)
110: Setting prohibited
011: Setting prohibited
111: Setting prohibited
PACRL3
PACRL1
PACRL1
14
13
12
PA14MD2
PA15MD1
PA14MD0
0
0
0
R/W
R/W
R/W
PA14 Mode
Select the function of the PA14/
RD/POE5 pin.
000: PA14 I/O (port)
100: Setting prohibited
001:
RD output (BSC)
101: Setting prohibited
010:
POE5 input (port)
110: Setting prohibited
011: Setting prohibited
111: Setting prohibited
PACRL3
PACRL1
PACRL1
13
11
10
PA13MD2
PA13MD1
PA13MD0
0
0
0
R/W
R/W
R/W
PA13 Mode
Select the function of the PA13/
POE4/BREQ pin.
000: PA13 I/O (port)
100: Setting prohibited
001: Setting prohibited
101:
BREQ input (BSC)
010:
POE4 input (port)
110: Setting prohibited
011: Setting prohibited
111: Setting prohibited
PACRL3
PACRL1
PACRL1
12
9
8
PA12MD2
PA12MD1
PA12MD0
0
0
0
R/W
R/W
R/W
PA12 Mode
Select the function of the PA12/
WRL pin.
000: PA12 I/O (port)
100: Setting prohibited
001:
WRL output (BSC)
101: Setting prohibited
010: Setting prohibited
110: Setting prohibited
011: Setting prohibited
111: Setting prohibited
PACRL3
PACRL1
PACRL1
11
7
6
PA11MD2
PA11MD1
PA11MD0
0
0
0
R/W
R/W
R/W
PA11 Mode
Select the function of the PA11/
ADTRG/SCK3 pin.
000: PA11 I/O (port)
100: Setting prohibited
001: Setting prohibited
101: SCK3 I/O (SCI)
010:
ADTRG input (A/D)
110: Setting prohibited
011: Setting prohibited
111: Setting prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com