Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 463 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 463 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 459Page - Renesas Technology Corp SH7108 Datasheet HTML 460Page - Renesas Technology Corp SH7108 Datasheet HTML 461Page - Renesas Technology Corp SH7108 Datasheet HTML 462Page - Renesas Technology Corp SH7108 Datasheet HTML 463Page - Renesas Technology Corp SH7108 Datasheet HTML 464Page - Renesas Technology Corp SH7108 Datasheet HTML 465Page - Renesas Technology Corp SH7108 Datasheet HTML 466Page - Renesas Technology Corp SH7108 Datasheet HTML 467Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 463 / 560 page
background image
Section 15 I/O Ports
Rev.1.00 Sep. 18, 2008 Page 429 of 522
REJ09B0069-0100
Section 15 I/O Ports
The SH7108 has five ports: A, B, E, F, and G. Port A is a 16-bit port, port B is a 4-bit port, and
port E is a 22-bit port, all supporting both input and output. Port F is an 8-bit port and port G is a
4-bit port, both for input-only.
The SH7109 has five ports: A, B, D, E, and F. Port A is a 16-bit port, port B is a 6-bit port, port D
is a 9-bit port, and port E is a 22-bit port, all supporting both input and output. Port F is a 16-bit
input-only port.
All the port pins are multiplexed as general input/output pins and special function pins. The
functions of the multiplex pins are selected by means of the pin function controller (PFC).
Each port is provided with a data register for storing the pin data.
15.1
Port A
Port A in the SH7108 is an input/output port with the 16 pins shown in figure 15.1.
PA15 (I/O) /
(input)
PA14 (I/O) /
(input)
PA13 (I/O) /
(input)
PA12 (I/O)
PA11 (I/O) /
(input) / SCK3 (I/O)
PA10 (I/O) / SCK2 (I/O)
PA9 (I/O) / TCLKD (input)/ TxD3 (output)
PA8 (I/O) / TCLKC (input) / RxD3 (input)
PA7 (I/O) / TCLKB (input) / TxD2 (output)
PA6 (I/O) / TCLKA (input) / RxD2 (input)
PA5 (I/O) /
(input) / SCK3 (I/O)
PA4 (I/O) / TXD3 (output)
PA3 (I/O) /
(input) / RxD3 (input)
PA2 (I/O) /
(input) / PCIO (I/O) / SCK2 (I/O)
PA1 (I/O) /
(input) / TxD2 (output)
PA0 (I/O) /
(input) / RxD2 (input)
Port A
Figure 15.1 Port A (SH7108)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com