| Electronic Components Datasheet Search |
|
SH7108 Datasheet(PDF) 469 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7108 Datasheet(HTML) 469 Page - Renesas Technology Corp |
|
469 / 560 page ![]() Section 15 I/O Ports Rev.1.00 Sep. 18, 2008 Page 435 of 522 REJ09B0069-0100 15.3.2 Port D Data Register L (PDDRL) PDDRL is a 16-bit readable/writable register that stores port D data. Bits PD8DR to PD0DR correspond to pins PD8 to PD0 (multiplexed functions omitted here). When a pin functions is a general output, if a value is written to PDDRL, that value is output directly from the pin, and if PDDRL is read, the register value is returned directly regardless of the pin state. When a pin functions is a general input, if PDDRL is read, the pin state, not the register value, is returned directly. If a value is written to PDDRL, although that value is written into PDDRL, it does not affect the pin state. Table 15.3 summarizes port D data register L read/write operations. Bit Bit Name Initial Value R/W Description 15 to 9 — All 0 R Reserved These bits are always read as 0. The write value should always be 0. 8 PD8DR 0 R/W See table 15.3. 7 PD7DR 0 R/W 6 PD6DR 0 R/W 5 PD5DR 0 R/W 4 PD4DR 0 R/W 3 PD3DR 0 R/W 2 PD2DR 0 R/W 1 PD1DR 0 R/W 0 PD0DR 0 R/W Table 15.3 Port D Data Register L (PDDRL) Read/Write Operations • Bits 8 to 0 PDIORL Pin Function Read Write 0 General input Pin state Can write to PDDRL, but it has no effect on pin state Other than general input Pin state Can write to PDDRL, but it has no effect on pin state 1 General output PDDRL value Value written is output from pin Other than general output PDDRL value Can write to PDDRL, but it has no effect on pin state |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |