Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 501 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 501 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 497Page - Renesas Technology Corp SH7108 Datasheet HTML 498Page - Renesas Technology Corp SH7108 Datasheet HTML 499Page - Renesas Technology Corp SH7108 Datasheet HTML 500Page - Renesas Technology Corp SH7108 Datasheet HTML 501Page - Renesas Technology Corp SH7108 Datasheet HTML 502Page - Renesas Technology Corp SH7108 Datasheet HTML 503Page - Renesas Technology Corp SH7108 Datasheet HTML 504Page - Renesas Technology Corp SH7108 Datasheet HTML 505Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 501 / 560 page
background image
Section 19 List of Registers
Rev.1.00 Sep. 18, 2008 Page 467 of 522
REJ09B0069-0100
Register Name
Abbre-
viation
Bits Address
Module
Access
Size
Access
States
—
—
—
H'FFFF83A4 to
H'FFFF83A5
—
—
Port D I/O register L
PDIORL
16
H'FFFF83A6
PFC
8, 16
—
—
—
H'FFFF83A8 to
H'FFFF83AB
—
—
Port D control register L1
PDCRL1
16
H'FFFF83AC
PFC
8, 16, 32
Port D control register L2
PDCRL2
16
H'FFFF83AE
8, 16
Port E data register L
PEDRL
16
H'FFFF83B0
I/O
8, 16, 32
Port F data register
PFDR
16
H'FFFF83B2
8, 16
Port E I/O register L
PEIORL
16
H'FFFF83B4
PFC
8, 16, 32
Port E I/O register H
PEIORH
16
H'FFFF83B6
8, 16
Port E control register L1
PECRL1
16
H'FFFF83B8
8, 16, 32
Port E control register L2
PECRL2
16
H'FFFF83BA
8, 16
Port E control register H
PECRH
16
H'FFFF83BC
8, 16, 32
Port E data register H
PEDRH
16
H'FFFF83BE
I/O
8, 16
Input control/status register 1
ICSR1
16
H'FFFF83C0
MTU
8, 16, 32
Output control/status register
OCSR
16
H'FFFF83C2
8, 16
Input control/status register 2
ICSR2
16
H'FFFF83C4
MMT
8, 16
In P
φ cycles
B: 2
W: 2
L: 4
—
—
—
H'FFFF83C6 to
H'FFFF83CC
—
—
—
Port G data register
PGDR
8
H'FFFF83CD
I/O
8
In
φ cycles
B: 2
W: 2
L: 4
—
—
—
H'FFFF83CE to
H'FFFF83CF
—
—
—
Compare match timer start
register
CMSTR
16
H'FFFF83D0
CMT
8, 16, 32
Compare match timer
control/status register_0
CMCSR_0
16
H'FFFF83D2
8, 16
In P
φ cycles
B: 2
W: 2
L: 4
Compare match timer counter_0
CMCNT_0
16
H'FFFF83D4
8, 16, 32
Compare match timer constant
register_0
CMCOR_0
16
H'FFFF83D6
8, 16
Compare match timer
control/status register_1
CMCSR_1
16
H'FFFF83D8
8, 16, 32
Compare match timer counter_1
CMCNT_1
16
H'FFFF83DA
8, 16
Compare match timer constant
register_1
CMCOR_1
16
H'FFFF83DC
8, 16
—
—
—
H'FFFF83DE
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com