Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 218 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 218 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 214Page - Renesas Technology Corp SH7108 Datasheet HTML 215Page - Renesas Technology Corp SH7108 Datasheet HTML 216Page - Renesas Technology Corp SH7108 Datasheet HTML 217Page - Renesas Technology Corp SH7108 Datasheet HTML 218Page - Renesas Technology Corp SH7108 Datasheet HTML 219Page - Renesas Technology Corp SH7108 Datasheet HTML 220Page - Renesas Technology Corp SH7108 Datasheet HTML 221Page - Renesas Technology Corp SH7108 Datasheet HTML 222Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 560 page
background image
Section 8 Multifunction Timer Pulse Unit (MTU)
Rev.1.00 Sep. 18, 2008 Page 184 of 522
REJ09B0069-0100
Reset-Synchronized PWM Mode Operation: Figure 8.31 shows an example of operation in the
reset-synchronized PWM mode. TCNT_3 and TCNT_4 operate as upcounters. The counter is
cleared when a TCNT_3 and TGRA_3 compare-match occurs, and then begins counting up from
H'0000. The PWM output pin output toggles with each occurrence of a TGRB_3, TGRA_4,
TGRB_4 compare-match, and upon counter clears.
TGRA_3
TGRB_3
TGRB_4
H'0000
TGRA_4
TIOC3B
TIOC3D
TIOC4A
TIOC4C
TIOC4B
TIOC4D
Time
TCNT3 and TCNT4
values
Figure 8.31 Reset-Synchronized PWM Mode Operation Example
(When the TOCR’s OLSN = 1 and OLSP = 1)
8.4.8
Complementary PWM Mode
In the complementary PWM mode, three-phase output of non-overlapping positive and negative
PWM waveforms can be obtained by combining channels 3 and 4.
In complementary PWM mode, TIOC3B, TIOC3D, TIOC4A, TIOC4B, TIOC4C, and TIOC4D
pins function as PWM output pins, the TIOC3A pin can be set for toggle output synchronized with
the PWM period. TCNT_3 and TCNT_4 function as increment/decrement counters.
Table 8.39 shows the PWM output pins used. Table 8.40 shows the settings of the registers used.
A function to directly cut off the PWM output by using an external signal is supported as a port
function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com