Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 252 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 252 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 248Page - Renesas Technology Corp SH7108 Datasheet HTML 249Page - Renesas Technology Corp SH7108 Datasheet HTML 250Page - Renesas Technology Corp SH7108 Datasheet HTML 251Page - Renesas Technology Corp SH7108 Datasheet HTML 252Page - Renesas Technology Corp SH7108 Datasheet HTML 253Page - Renesas Technology Corp SH7108 Datasheet HTML 254Page - Renesas Technology Corp SH7108 Datasheet HTML 255Page - Renesas Technology Corp SH7108 Datasheet HTML 256Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 560 page
background image
Section 8 Multifunction Timer Pulse Unit (MTU)
Rev.1.00 Sep. 18, 2008 Page 218 of 522
REJ09B0069-0100
Status Flag Clearing Timing: After a status flag is read as 1 by the CPU, it is cleared by writing
0 to it. When the DTC is activated, the flag is cleared automatically. Figure 8.68 shows the timing
for status flag clearing by the CPU.
Status flag
Write signal
Address
TSR address
Interrupt
request signal
TSR write cycle
T1
T2
P
φ
Figure 8.68 Timing for Status Flag Clearing by the CPU
8.7
Usage Notes
8.7.1
Module Standby Mode Setting
MTU operation can be disabled or enabled using the module standby register. The initial setting is
for MTU operation to be halted. Register access is enabled by clearing module standby mode. For
details, refer to section 18, Power-Down Modes.
8.7.2
Input Clock Restrictions
The input clock pulse width must be at least 1.5 states in the case of single-edge detection, and at
least 2.5 states in the case of both-edge detection. The TPU will not operate properly at narrower
pulse widths.
In phase counting mode, the phase difference and overlap between the two input clocks must be at
least 1.5 states, and the pulse width must be at least 2.5 states. Figure 8.69 shows the input clock
conditions in phase counting mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com