Electronic Components Datasheet Search
  English  ▼

X  

SH7108 Datasheet(PDF) 262 Page - Renesas Technology Corp

Part # SH7108
Description  32-Bit RISC Microcomputer
PDF  560 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7108 Datasheet(HTML) 262 Page - Renesas Technology Corp

Back Button SH7108 Datasheet HTML 258Page - Renesas Technology Corp SH7108 Datasheet HTML 259Page - Renesas Technology Corp SH7108 Datasheet HTML 260Page - Renesas Technology Corp SH7108 Datasheet HTML 261Page - Renesas Technology Corp SH7108 Datasheet HTML 262Page - Renesas Technology Corp SH7108 Datasheet HTML 263Page - Renesas Technology Corp SH7108 Datasheet HTML 264Page - Renesas Technology Corp SH7108 Datasheet HTML 265Page - Renesas Technology Corp SH7108 Datasheet HTML 266Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 560 page
background image
Section 8 Multifunction Timer Pulse Unit (MTU)
Rev.1.00 Sep. 18, 2008 Page 228 of 522
REJ09B0069-0100
When counting begins in another operating mode, be sure that TCNT_3 and TCNT_4 are set to
the initial values.
TGRA_3
TCDR
TDDR
H'0000
TCNT_3
TCNT_4
Complementary PWM
mode operation
Complementary PWM
mode operation
Counter
operation stop
Complementary
PMW restart
Figure 8.79 Counter Value during Complementary PWM Mode Stop
8.7.13
Buffer Operation Setting in Complementary PWM Mode
In complementary PWM mode, conduct rewrites by buffer operation for the PWM cycle setting
register (TGRA_3), timer cycle data register (TCDR), and duty cycle setting registers (TGRB_3,
TRGA_4, and TGRB_4).
In complementary PWM mode, channel 3 and channel 4 buffers operate in accordance with bit
settings BFA and BFB of TMDR_3. When TMDR_3’s BFA bit is set to 1, TGRC_3 functions as a
buffer register for TGRA_3. At the same time, TGRC_4 functions as the buffer register for
TRGA_4, while the TCBR functions as the TCDR’s buffer register.
8.7.14
Reset Sync PWM Mode Buffer Operation and Compare Match Flag
When setting buffer operation for reset sync PWM mode, set the BFA and BFB bits of TMDR_4
to 0. The TIOC4C pin will be unable to produce its waveform output if the BFA bit of TMDR_4 is
set to 1.
In reset sync PWM mode, the channel 3 and channel 4 buffers operate in accordance with the BFA
and BFB bit settings of TMDR_3. For example, if the BFA bit of TMDR_3 is set to 1, TGRC_3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com