Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 371 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 371 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 367Page - Renesas Technology Corp HD6433635SW Datasheet HTML 368Page - Renesas Technology Corp HD6433635SW Datasheet HTML 369Page - Renesas Technology Corp HD6433635SW Datasheet HTML 370Page - Renesas Technology Corp HD6433635SW Datasheet HTML 371Page - Renesas Technology Corp HD6433635SW Datasheet HTML 372Page - Renesas Technology Corp HD6433635SW Datasheet HTML 373Page - Renesas Technology Corp HD6433635SW Datasheet HTML 374Page - Renesas Technology Corp HD6433635SW Datasheet HTML 375Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 418 page
background image
357
TCSRF—Timer control/status register F
H'B7
Timer F
Bit
Initial value
Read/Write
7
OVFH
0
R/(W)
6
CMFH
0
R/(W)
5
OVIEH
0
R/W
4
CCLRH
0
R/W
3
OVFL
0
R/(W)
0
CCLRL
0
R/W
2
CMFL
0
R/(W)
1
OVIEL
0
R/W
Timer overflow flag H
Timer overflow interrupt enable L
0
[Clearing condition]
After reading OVFH = 1, cleared by writing 0 to OVFH
1
[Setting condition]
When the value of TCFH goes from H'FF to H'00
0
TCFL overflow interrupt disabled
1
TCFL overflow interrupt enabled
Timer overflow interrupt enable H
Compare match flag H
0
[Clearing condition]
After reading CMFH = 1, cleared by writing 0 to CMFH
1
[Setting condition]
When the TCFH value matches the OCRFH value
0
TCFH overflow interrupt disabled
1
TCFH overflow interrupt enabled
Counter clear H
0
16-bit mode:
8-bit mode:
1
TCF clearing by compare match disabled
TCFH clearing by compare match disabled
16-bit mode:
8-bit mode:
TCF clearing by compare match enabled
TCFH clearing by compare match enabled
Timer overflow flag L
0
[Clearing condition]
After reading OVFL = 1, cleared by writing 0 to OVFL
1
[Setting condition]
When the value of TCFL goes from H'FF to H'00
Compare match flag L
0
[Clearing condition]
After reading CMFL = 1, cleared by writing 0 to CMFL
1
[Setting condition]
When the TCFL value matches the OCRFL value
Counter clear L
0
TCFL clearing by compare match disabled
1
TCFL clearing by compare match enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com