Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 375 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 375 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 371Page - Renesas Technology Corp HD6433635SW Datasheet HTML 372Page - Renesas Technology Corp HD6433635SW Datasheet HTML 373Page - Renesas Technology Corp HD6433635SW Datasheet HTML 374Page - Renesas Technology Corp HD6433635SW Datasheet HTML 375Page - Renesas Technology Corp HD6433635SW Datasheet HTML 376Page - Renesas Technology Corp HD6433635SW Datasheet HTML 377Page - Renesas Technology Corp HD6433635SW Datasheet HTML 378Page - Renesas Technology Corp HD6433635SW Datasheet HTML 379Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 418 page
background image
361
AMR—A/D mode register
H'C4
A/D converter
Bit
Initial value
Read/Write
7
CKS
0
R/W
6
TRGE
0
R/W
4
—
1
—
3
CH3
0
R/W
0
CH0
0
R/W
2
CH2
0
R/W
1
CH1
0
R/W
Channel select
No channel selected
Bit 3
0
Bit 2
Analog input channel
CH3
CH2
0
CH1
CH0
Bit 1
Bit 0
0AN
1
1
0
1
1
1
00
External trigger select
0
Disables start of A/D conversion by external trigger
1
Enables start of A/D conversion by rising or falling edge
of external trigger at pin ADTRG
5
CKS1
0
R/W
4
AN 5
AN 6
AN 7
Reserved
**
1
**
Reserved
Clock select
Reserved
Bit 5
0
Conversion Period
CKS1
124/ø
1
—
ø = 2 MHz
62
µs
—
ø = 5 MHz
24.8
µs
Conversion Time
Note: * Operation is not guaranteed if the conversion time is less than 12.4
µs.
Set bits 5 and 7 for a value of at least 12.4
µs.
Don’t care
*
Bit 7
0
CKS
0
62/ø
0
31
µs
12.4
µs
1
31/ø
1
15.5
µs—
1
*
**
ADRR—A/D result register
H'C5
A/D converter
Bit
Initial value
Read/Write
7
ADR7
Undefined
R
6
ADR6
Undefined
R
5
ADR5
Undefined
R
4
ADR4
Undefined
R
3
ADR3
Undefined
R
0
ADR0
Undefined
R
2
ADR2
Undefined
R
1
ADR1
Undefined
R
A/D conversion result



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com