Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 376 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 376 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 372Page - Renesas Technology Corp HD6433635SW Datasheet HTML 373Page - Renesas Technology Corp HD6433635SW Datasheet HTML 374Page - Renesas Technology Corp HD6433635SW Datasheet HTML 375Page - Renesas Technology Corp HD6433635SW Datasheet HTML 376Page - Renesas Technology Corp HD6433635SW Datasheet HTML 377Page - Renesas Technology Corp HD6433635SW Datasheet HTML 378Page - Renesas Technology Corp HD6433635SW Datasheet HTML 379Page - Renesas Technology Corp HD6433635SW Datasheet HTML 380Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 418 page
background image
362
ADSR—A/D start register
H'C6
A/D converter
Bit
Initial value
Read/Write
7
ADSF
0
R/W
6
—
1
—
5
—
1
—
4
—
1
—
3
—
1
—
0
—
1
—
2
—
1
—
1
—
1
—
A/D start flag
0
[Read]
Indicates the completion of A/D conversion
1
[Write]
Stops A/D conversion
[Read]
Indicates A/D conversion in progress
[Write]
Starts A/D conversion
TMY—Timer mode register Y
H'CD
Timer Y
Bit
Initial value
Read/Write
7
TMY7
0
R/W
6
—
1
—
5
—
1
—
4
—
1
—
3
—
1
—
0
TMY0
0
R/W
2
TMY2
0
R/W
1
TMY1
0
R/W
Count select
1
0
Internal clock ø/8192
1
Internal clock ø/2048
0
0
0
0
0
Internal clock ø/512
1
0
1
Internal clock ø/256
1
0
0
Internal clock ø/64
0
1
1
Internal clock ø/16
0
1
0
Internal clock ø/4
1
1
1
External event (TMCIY): count on rising
edge/falling edge
1
1
Auto-reload function select
1
0
Interval function selected
1
Auto-reload function selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com