Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 373 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 373 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 369Page - Renesas Technology Corp HD6433635SW Datasheet HTML 370Page - Renesas Technology Corp HD6433635SW Datasheet HTML 371Page - Renesas Technology Corp HD6433635SW Datasheet HTML 372Page - Renesas Technology Corp HD6433635SW Datasheet HTML 373Page - Renesas Technology Corp HD6433635SW Datasheet HTML 374Page - Renesas Technology Corp HD6433635SW Datasheet HTML 375Page - Renesas Technology Corp HD6433635SW Datasheet HTML 376Page - Renesas Technology Corp HD6433635SW Datasheet HTML 377Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 418 page
background image
359
TMG—Timer mode register G
H'BC
Timer G
Bit
Initial value
Read/Write
7
OVFH
0
R/(W)
6
OVFL
0
R/(W)
5
OVIE
0
R/W
4
IIEGS
0
R/W
3
CCLR1
0
R/W
0
CKS0
0
R/W
2
CCLR0
0
R/W
1
CKS1
0
R/W
Timer overflow flag H
0
[Clearing condition]
After reading OVFH = 1, cleared by writing 0 to OVFH
1
[Setting condition]
When the value of TCG overflows from H'FF to H'00
Note:
Only a write of 0 for flag clearing is possible.
*
**
Timer overflow interrupt enable
Timer overflow flag L
0
[Clearing condition]
After reading OVFL = 1, cleared by writing 0 to OVFL
1
[Setting condition]
When the value of TCG overflows from H'FF to H'00
0
TCG overflow interrupt disabled
1
TCG overflow interrupt enabled
Input capture interrupt edge select
0
Interrupts are requested at the rising edge of the input capture signal
1
Interrupts are requested at the falling edge of the input capture signal
Clock select
0
Internal clock:
Internal clock:
0
1
Internal clock:
Internal clock:
10
1
ø/64
ø/32
ø/2
ø /2
W
Counter clear
0
TCG is not cleared
TCG is cleared at the falling edge of the input capture signal
0
1
TCG is cleared at the rising edge of the input capture signal
TCG is cleared at both edges of the input capture signal
10
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com