Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 101Page - Renesas Technology Corp HD6433635SW Datasheet HTML 102Page - Renesas Technology Corp HD6433635SW Datasheet HTML 103Page - Renesas Technology Corp HD6433635SW Datasheet HTML 104Page - Renesas Technology Corp HD6433635SW Datasheet HTML 105Page - Renesas Technology Corp HD6433635SW Datasheet HTML 106Page - Renesas Technology Corp HD6433635SW Datasheet HTML 107Page - Renesas Technology Corp HD6433635SW Datasheet HTML 108Page - Renesas Technology Corp HD6433635SW Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 418 page
background image
91
Bit 6: STS2
Bit 5: STS1
Bit 4: STS0
Description
0
0
0
Wait time = 8,192 states
(initial value)
1
Wait time = 16,384 states
1
0
Wait time = 32,768 states
1
Wait time = 65,536 states
1
**
Wait time = 131,072 states
Note: * Don’t care
Bit 3—Low Speed on Flag (LSON): This bit chooses the system clock (ø) or subclock (ø
SUB) as
the CPU operating clock when watch mode is cleared. The resulting operation mode depends on
the combination of other control bits and interrupt input.
Bit 3: LSON
Description
0
The CPU operates on the system clock (ø)
(initial value)
1
The CPU operates on the subclock (ø
SUB)
Bits 2 to 0—Reserved Bits: These bits are reserved; they are always read as 1, and cannot be
modified.
System Control Register 2 (SYSCR2)
Bit
76543210
—
—
—
NESEL
DTON
MSON
SA1
SA0
Initial value
11100000
Read/Write
—
—
—
R/W
R/W
R/W
R/W
R/W
SYSCR2 is an 8-bit read/write register for power-down mode control.
Upon reset, SYSCR2 is initialized to H'E0.
Bits 7 to 5—Reserved Bits: These bits are reserved; they are always read as 1, and cannot be
modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com