Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 105Page - Renesas Technology Corp HD6433635SW Datasheet HTML 106Page - Renesas Technology Corp HD6433635SW Datasheet HTML 107Page - Renesas Technology Corp HD6433635SW Datasheet HTML 108Page - Renesas Technology Corp HD6433635SW Datasheet HTML 109Page - Renesas Technology Corp HD6433635SW Datasheet HTML 110Page - Renesas Technology Corp HD6433635SW Datasheet HTML 111Page - Renesas Technology Corp HD6433635SW Datasheet HTML 112Page - Renesas Technology Corp HD6433635SW Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 418 page
background image
95
5.3.3
Oscillator Settling Time after Standby Mode is Cleared
Bits STS2 to STS0 in SYSCR1 should be set as follows.
When a Crystal Oscillator is Used: Table 5.4 gives settings for various operating frequencies.
Set bits STS2 to STS0 for a waiting time of at least 10 ms.
Table 5.4
Clock Frequency and Settling Time (times are in ms)
STS2
STS1
STS0
Waiting Time
5 MHz
4 MHz
2 MHz
1 MHz
0.5 MHz
0
0
0
8,192 states
1.6
2.0
4.1
8.2
16.4
0
0
1
16,384 states
3.2
4.1
8.2
16.4
32.8
0
1
0
32,768 states
6.6
8.2
16.4
32.8
65.5
0
1
1
65,536 states
13.1
16.4
32.8
65.5
131.1
1
**
131,072 states
26.2
32.8
65.5
131.1
262.1
Note: * Don’t care
When an External Clock is Used: Any values may be set. Normally the minimum time (STS2 =
STS1 = STS0 = 0) should be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com